Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7021BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADF7021BCPZ
Description  High Performance Narrow-Band Transceiver IC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF7021BCPZ Datasheet HTML 4Page - Analog Devices ADF7021BCPZ Datasheet HTML 5Page - Analog Devices ADF7021BCPZ Datasheet HTML 6Page - Analog Devices ADF7021BCPZ Datasheet HTML 7Page - Analog Devices ADF7021BCPZ Datasheet HTML 8Page - Analog Devices ADF7021BCPZ Datasheet HTML 9Page - Analog Devices ADF7021BCPZ Datasheet HTML 10Page - Analog Devices ADF7021BCPZ Datasheet HTML 11Page - Analog Devices ADF7021BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
ADF7021
Data Sheet
Rev. B | Page 8 of 64
RECEIVER SPECIFICATIONS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SENSITIVITY
Bit error rate (BER) = 10−3, low noise amplifier (LNA) and
power amplifier (PA) matched separately
2FSK
Sensitivity at 0.1 kbps
−130
dBm
fDEV = 1 kHz, high sensitivity mode, IF_BW = 12.5 kHz
Sensitivity at 0.25 kbps
−127
dBm
fDEV = 1 kHz, high sensitivity mode, IF_BW = 12.5 kHz
Sensitivity at 1 kbps
−122
dBm
fDEV = 1 kHz, high sensitivity mode, IF_BW = 12.5 kHz
Sensitivity at 9.6 kbps
−115
dBm
fDEV = 4 kHz, high sensitivity mode, IF_BW = 18.75 kHz
Sensitivity at 25 kbps
−110
dBm
fDEV = 10 kHz, high sensitivity mode, IF_BW = 25 kHz
Gaussian 2FSK
Sensitivity at 0.1 kbps
−129
dBm
fDEV = 1 kHz, high sensitivity mode, IF_BW = 12.5 kHz
Sensitivity at 0.25 kbps
−127
dBm
fDEV = 1 kHz, high sensitivity mode, IF_BW = 12.5 kHz
Sensitivity at 1 kbps
−121
dBm
fDEV = 1 kHz, high sensitivity mode, IF_BW = 12.5 kHz
Sensitivity at 9.6 kbps
−114
dBm
fDEV = 4 kHz, high sensitivity mode, IF_BW = 18.75 kHz
Sensitivity at 25 kbps
−111
dBm
fDEV = 10 kHz, high sensitivity mode, IF_BW = 25 kHz
GMSK
Sensitivity at 9.6 kbps
−113
dBm
fDEV = 2.4 kHz, high sensitivity mode, IF_BW = 18.75 kHz
Raised Cosine 2FSK
Sensitivity at 0.25 kbps
−127
dBm
fDEV = 1 kHz, high sensitivity mode, IF_BW = 12.5 kHz
Sensitivity at 1 kbps
−121
dBm
fDEV = 1 kHz, high sensitivity mode, IF_BW = 12.5 kHz
Sensitivity at 9.6 kbps
−114
dBm
fDEV = 4 kHz, high sensitivity mode, IF_BW = 18.75 kHz
Sensitivity at 25 kbps
−113
dBm
fDEV = 10 kHz, high sensitivity mode, IF_BW = 25 kHz
3FSK
Sensitivity at 9.6 kbps
−110
dBm
fDEV = 2.4 kHz, high sensitivity mode, IF_BW = 18.75 kHz,
Viterbi detection on
Raised Cosine 3FSK
Sensitivity at 9.6 kbps
−110
dBm
fDEV = 2.4 kHz, high sensitivity mode, IF_BW = 12.5 kHz,
alpha = 0.5, Viterbi detection on
Sensitivity at 19.6 kbps
−106
dBm
fDEV = 4.8 kHz, high sensitivity mode, IF_BW = 18.75 kHz,
alpha = 0.5, Viterbi detection on
4FSK
Sensitivity at 9.6 kbps
−112
dBm
fDEV (inner) = 1.2 kHz, high sensitivity mode,
IF_BW = 12.5 kHz
Sensitivity at 19.6 kbps
−107
dBm
fDEV (inner) = 2.4 kHz, high sensitivity mode,
IF_BW = 25 kHz
Raised Cosine 4FSK
Sensitivity at 9.6 kbps
−109
dBm
fDEV (inner) = 1.2 kHz, high sensitivity mode,
IF_BW = 12.5 kHz, alpha = 0.5
Sensitivity at 19.2 kbps
−103
dBm
fDEV (inner) = 1.2 kHz, high sensitivity mode,
IF_BW = 18.75 kHz, alpha = 0.5
Sensitivity at 32.8 kbps
−100
dBm
fDEV (inner) = 1.8 kHz, high sensitivity mode, IF_BW = 25 kHz,
alpha = 0.7
INPUT IP3
Two-tone test, fLO = 860 MHz, F1 = fLO + 100 kHz,
F2 = fLO − 800 kHz
Low Gain Enhanced Linearity
Mode
−3
dBm
LNA_GAIN = 3, MIXER_LINEARITY = 1
Medium Gain Mode
−13.5
dBm
LNA_GAIN = 10, MIXER_LINEARITY = 0
High Sensitivity Mode
−24
dBm
LNA_GAIN = 30, MIXER_LINEARITY = 0


Similar Part No. - ADF7021BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021BCPZ AD-ADF7021BCPZ Datasheet
471Kb / 44P
   High Performance Narrowband ISM Transceiver IC
Rev. PrI
More results

Similar Description - ADF7021BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021 AD-ADF7021_15 Datasheet
1Mb / 62P
   High Performance Narrow-Band Transceiver IC
REV. C
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
Radiometrix Ltd
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
   UHF Narrow Band Transceiver
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
   Narrow Band Radio Transceiver
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com