Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP78L05 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP78L05
Description  AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP78L05 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP78L05 Datasheet HTML 6Page - Diodes Incorporated AP78L05 Datasheet HTML 7Page - Diodes Incorporated AP78L05 Datasheet HTML 8Page - Diodes Incorporated AP78L05 Datasheet HTML 9Page - Diodes Incorporated AP78L05 Datasheet HTML 10Page - Diodes Incorporated AP78L05 Datasheet HTML 11Page - Diodes Incorporated AP78L05 Datasheet HTML 12Page - Diodes Incorporated AP78L05 Datasheet HTML 13Page - Diodes Incorporated AP78L05 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AP78L05/08/12
AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
AP78L05/08/12
Document number: DS31054 Rev. 10 - 2
10 of 16
www.diodes.com
March 2012
© Diodes Incorporated
Typical Performance Characteristics (cont.)
For AP78L12
14
18
22
26
30
INPUT-OUTPUT DIFFERENTIAL (V)
Peak Output Current
300
250
200
150
100
50
0
10
15
20
25
30
INPUT VOLTAGE (V)
Quiescent Current
2.960
2.945
2.930
2.955
2.935
2.950
2.940
-25
0
25
50
75
125
JUNCTION TEMPERATURE (°C)
Quiescent Current
100
3.2
3.1
2.9
2.8
2.5
3.0
2.7
2.6
V
= 19V
V
= 12V
I
= 40mA
IN
OUT
OUT
-25
0
25
50
75
125
JUNCTION TEMPERATURE (°C)
Dropout Voltage
100
2.5
1.5
0.0
2.0
1.0
0.5


Similar Part No. - AP78L05

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP78L05 DIODES-AP78L05 Datasheet
314Kb / 9P
   5V OUTPUT 3-TERMINAL POSITIVE REGULATOR
AP78L05 Rev. 4
AP78L05SG-13 DIODES-AP78L05SG-13 Datasheet
314Kb / 9P
   5V OUTPUT 3-TERMINAL POSITIVE REGULATOR
AP78L05 Rev. 4
AP78L05SG-A DIODES-AP78L05SG-A Datasheet
314Kb / 9P
   5V OUTPUT 3-TERMINAL POSITIVE REGULATOR
AP78L05 Rev. 4
AP78L05SL-13 DIODES-AP78L05SL-13 Datasheet
314Kb / 9P
   5V OUTPUT 3-TERMINAL POSITIVE REGULATOR
AP78L05 Rev. 4
AP78L05SL-A DIODES-AP78L05SL-A Datasheet
314Kb / 9P
   5V OUTPUT 3-TERMINAL POSITIVE REGULATOR
AP78L05 Rev. 4
More results

Similar Description - AP78L05

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP78LXX DIODES-AP78LXX_12 Datasheet
305Kb / 16P
   AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
AP78L12YG-13 DIODES-AP78L12YG-13 Datasheet
305Kb / 16P
   AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
AP78L05 DIODES-AP78L05_09 Datasheet
284Kb / 15P
   AP78LXX SERIES 3-TERMINAL POSITIVE
AP78L05/08/12 Rev. 9
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM342 NSC-LM342 Datasheet
138Kb / 6P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com