Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT74235 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAT74235
Description  Schottky barrier double diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT74235 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAT74235 Datasheet HTML 1Page - NXP Semiconductors BAT74235 Datasheet HTML 2Page - NXP Semiconductors BAT74235 Datasheet HTML 3Page - NXP Semiconductors BAT74235 Datasheet HTML 4Page - NXP Semiconductors BAT74235 Datasheet HTML 5Page - NXP Semiconductors BAT74235 Datasheet HTML 6Page - NXP Semiconductors BAT74235 Datasheet HTML 7Page - NXP Semiconductors BAT74235 Datasheet HTML 8Page - NXP Semiconductors BAT74235 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BAT74_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 19 April 2010
3 of 10
NXP Semiconductors
BAT74
Schottky barrier double diode
6.
Thermal characteristics
[1]
Refer to SOT143B standard mounting conditions.
7.
Characteristics
[1]
Temperature coefficient of forward voltage
−0.6 %/K.
[2]
Pulse test: tp = 300 μs; δ =0.02.
[3]
When switched from IF = 10 mA to IR =10mA; RL = 100 Ω; measured at IR =1mA.
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
500
K/W
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
IF = 0.1 mA
-
-
240
mV
IF =1mA
[1] -
-
320
mV
IF = 10 mA
-
-
400
mV
IF = 30 mA
-
-
500
mV
IF = 100 mA
-
-
800
mV
IR
reverse current
VR =25V
[2] --2
μA
Cd
diode capacitance
VR = 1 V; f = 1 MHz
--10
pF
trr
reverse recovery
time
[3] --5
ns


Similar Part No. - BAT74235

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT74 PHILIPS-BAT74 Datasheet
30Kb / 7P
   Schottky barrier double diode
1996 Mar 19
logo
STMicroelectronics
BAT74 STMICROELECTRONICS-BAT74 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT74 KEXIN-BAT74 Datasheet
39Kb / 2P
   Schottky Barrier Double Diode
logo
Nexperia B.V. All right...
BAT74 NEXPERIA-BAT74 Datasheet
2Mb / 10P
   Schottky barrier double diode
Rev. 03 - 19 April 2010
logo
NXP Semiconductors
BAT74.215 NXP-BAT74.215 Datasheet
107Kb / 11P
   Schottky barrier double diode
Rev. 03-19 April 2010
More results

Similar Description - BAT74235

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBD354 NXP-PMBD354 Datasheet
102Kb / 7P
   Schottky barrier double diode
2003 Mar 25
BAS70-07S PHILIPS-BAS70-07S Datasheet
52Kb / 8P
   Schottky barrier double diode
1998 Jul 10
BAT74S PHILIPS-BAT74S_03 Datasheet
57Kb / 8P
   Schottky barrier double diode
2003 Apr 11
BAT74V PHILIPS-BAT74V_15 Datasheet
198Kb / 7P
   Schottky barrier double diode
2002 Sep 02
logo
Nexperia B.V. All right...
BAT160C NEXPERIA-BAT160C Datasheet
196Kb / 8P
   Schottky barrier double diode
22 September 2022
logo
NXP Semiconductors
BAT54CM NXP-BAT54CM Datasheet
195Kb / 7P
   Schottky barrier double diode
2003 Nov 11
PMBD354 PHILIPS-PMBD354_15 Datasheet
102Kb / 7P
   Schottky barrier double diode
2003 Mar 25
logo
Guangdong Kexin Industr...
BAT74 KEXIN-BAT74 Datasheet
39Kb / 2P
   Schottky Barrier Double Diode
logo
NXP Semiconductors
BAT74V PHILIPS-BAT74V Datasheet
51Kb / 8P
   Schottky barrier double diode
2002 Sep 02
PBYR2100CT PHILIPS-PBYR2100CT Datasheet
47Kb / 8P
   Schottky barrier double diode
1999 May 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com