Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT721S Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BAT721S
Description  Planar Schottky barrier diodes with an integrated guard ring for stress protection. Encapsulated in small Surface-Mounted Device (SMD) plastic packages.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT721S Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BAT721S Datasheet HTML 3Page - NXP Semiconductors BAT721S Datasheet HTML 4Page - NXP Semiconductors BAT721S Datasheet HTML 5Page - NXP Semiconductors BAT721S Datasheet HTML 6Page - NXP Semiconductors BAT721S Datasheet HTML 7Page - NXP Semiconductors BAT721S Datasheet HTML 8Page - NXP Semiconductors BAT721S Datasheet HTML 9Page - NXP Semiconductors BAT721S Datasheet HTML 10Page - NXP Semiconductors BAT721S Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
1PS76SB21_BAT721_SER_6
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 06 — 21 December 2006
9 of 11
NXP Semiconductors
1PS76SB21; BAT721 series
Schottky barrier diodes in small packages
11. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
1PS76SB21_BAT721_SER_6
20061221
Product data sheet
-
1PS76SB21_BAT721
_SER_5
Modifications:
Amended Table 10 “Revision history”
1PS76SB21_BAT721_SER_5
20061205
Product data sheet
-
BAT721_SERIES_4
1PS76SB21_3
Modifications:
The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
Legal texts have been adapted to the new company name where appropriate.
This data sheet is a combination of data sheets BAT721_SERIES_4 and
1PS76SB21_3.
• Table 1 “Product overview”: added
• Section 1.2 “Features”: amended
• Section 1.3 “Applications”: amended
• Table 2 “Quick reference data”: added
• Table 5 “Marking codes”: for 1PS76SB21 amended
• Table 5 “Marking codes”: enhanced table note section
• Table 6 “Limiting values”: indication per diode added
• Table 6 “Limiting values”: for 1PS76SB21 IFSM condition amended
• Table 6 “Limiting values”: Tamb ambient temperature added
• Table 7 “Thermal characteristics”: indication per diode added
• Table 7: Rth(j-a) thermal resistance from junction to ambient condition amended
• Table 8 “Characteristics”: indication per diode added
• Table 8 “Characteristics”: reference to Table note 1 amended
• Table 8: for 1PS76SB21 Cd minimum value changed to typical value
• Figure 1 and 2: amended
• Figure 4 and 5: superseded by minimized package outlines
• Section 9 “Packing information”: added
• Section 10 “Soldering”: added
• Section 12 “Legal information”: updated
BAT721_SERIES_4
20040315
Product specification
-
BAT721_SERIES_3
1PS76SB21_3
20040126
Product specification
-
1PS76SB21_2


Similar Part No. - BAT721S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT721S PHILIPS-BAT721S Datasheet
48Kb / 8P
   Schottky barrier double diodes
1999 May 06
logo
Pan Jit International I...
BAT721S PANJIT-BAT721S Datasheet
102Kb / 3P
   SCHOTTKY BARRIER (DOUBLE) DIODES
logo
Nexperia B.V. All right...
BAT721S NEXPERIA-BAT721S Datasheet
193Kb / 8P
   40 V, 200 mA Schottky barrier dual diode
17 October 2022
BAT721S NEXPERIA-BAT721S Datasheet
655Kb / 11P
   Schottky barrier diodes in small packages
Rev. 06 - 21 December 2006
BAT721S-Q NEXPERIA-BAT721S-Q Datasheet
192Kb / 8P
   40 V, 200 mA Schottky barrier dual diode
3 May 2023
More results

Similar Description - BAT721S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT54C.215 NXP-BAT54C.215 Datasheet
302Kb / 11P
   Planar Schottky barrier diodes with an integrated guard ring for stress protection, encapsulated in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 5-5 October 2012
BAT54AW.115 NXP-BAT54AW.115 Datasheet
287Kb / 11P
   Planar Schottky barrier diodes with an integrated guard ring for stress protection, encapsulated in a very small SOT323
Rev. 3-20 November 2012
PMEG6002EB115 NXP-PMEG6002EB115 Datasheet
74Kb / 10P
   Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifiers with an integrated guard ring for stress protection, encapsulated in ultra small and flat lead Surface-Mounted Device (SMD) plastic packages
Rev. 01-24 November 2006
PMEG3050BEP PHILIPS-PMEG3050BEP Datasheet
265Kb / 13P
   Planar MEGA Schottky barrier rectifier with an integrated guard ring for stress protection
Rev. 01-28 October 2009
PMEG3010EP115 NXP-PMEG3010EP115 Datasheet
97Kb / 13P
   Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in a SOD128 small and flat lead Surface-Mounted Device (SMD) plastic package.
Rev. 01-30 December 2008
BAS316.115 NXP-BAS316.115 Datasheet
150Kb / 20P
   High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD) plastic packages
Rev. 05-25 August 2008
BAS70H.115 NXP-BAS70H.115 Datasheet
224Kb / 20P
   General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
logo
Nexperia B.V. All right...
11PS76SB21_SER NEXPERIA-11PS76SB21_SER Datasheet
655Kb / 11P
   Schottky barrier diodes in small packages
Rev. 06 - 21 December 2006
logo
NXP Semiconductors
1PS76SB21_15 PHILIPS-1PS76SB21_15_15 Datasheet
93Kb / 11P
   Schottky barrier diodes in small packages
Rev. 06-21 December 2006
PDTA114EU.115 NXP-PDTA114EU.115 Datasheet
728Kb / 17P
   PNP Resistor-Equipped Transistor (RET) family in small Surface-Mounted Device (SMD) plastic packages.
Rev. 10-21 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com