Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT721S Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAT721S
Description  Planar Schottky barrier diodes with an integrated guard ring for stress protection. Encapsulated in small Surface-Mounted Device (SMD) plastic packages.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT721S Datasheet(HTML) 2 Page - NXP Semiconductors

  BAT721S Datasheet HTML 1Page - NXP Semiconductors BAT721S Datasheet HTML 2Page - NXP Semiconductors BAT721S Datasheet HTML 3Page - NXP Semiconductors BAT721S Datasheet HTML 4Page - NXP Semiconductors BAT721S Datasheet HTML 5Page - NXP Semiconductors BAT721S Datasheet HTML 6Page - NXP Semiconductors BAT721S Datasheet HTML 7Page - NXP Semiconductors BAT721S Datasheet HTML 8Page - NXP Semiconductors BAT721S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1PS76SB21_BAT721_SER_6
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 06 — 21 December 2006
2 of 11
NXP Semiconductors
1PS76SB21; BAT721 series
Schottky barrier diodes in small packages
2.
Pinning information
[1]
The marking bar indicates the cathode.
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
1PS76SB21
1
cathode
[1]
2
anode
BAT721
1
anode
2
not connected
3
cathode
BAT721A
1
cathode (diode 1)
2
cathode (diode 2)
3
anode (diode 1),
anode (diode 2)
BAT721C
1
anode (diode 1)
2
anode (diode 2)
3
cathode (diode 1),
cathode (diode 2)
BAT721S
1
anode (diode 1)
2
cathode (diode 2)
3
cathode (diode 1),
anode (diode 2)
2
1
sym001
12
006aaa144
12
3
006aaa436
1
3
2
n.c.
006aaa144
12
3
006aaa439
12
3
006aaa144
12
3
006aaa438
12
3
006aaa144
12
3
006aaa437
12
3


Similar Part No. - BAT721S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT721S PHILIPS-BAT721S Datasheet
48Kb / 8P
   Schottky barrier double diodes
1999 May 06
logo
Pan Jit International I...
BAT721S PANJIT-BAT721S Datasheet
102Kb / 3P
   SCHOTTKY BARRIER (DOUBLE) DIODES
logo
Nexperia B.V. All right...
BAT721S NEXPERIA-BAT721S Datasheet
193Kb / 8P
   40 V, 200 mA Schottky barrier dual diode
17 October 2022
BAT721S NEXPERIA-BAT721S Datasheet
655Kb / 11P
   Schottky barrier diodes in small packages
Rev. 06 - 21 December 2006
BAT721S-Q NEXPERIA-BAT721S-Q Datasheet
192Kb / 8P
   40 V, 200 mA Schottky barrier dual diode
3 May 2023
More results

Similar Description - BAT721S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT54C.215 NXP-BAT54C.215 Datasheet
302Kb / 11P
   Planar Schottky barrier diodes with an integrated guard ring for stress protection, encapsulated in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 5-5 October 2012
BAT54AW.115 NXP-BAT54AW.115 Datasheet
287Kb / 11P
   Planar Schottky barrier diodes with an integrated guard ring for stress protection, encapsulated in a very small SOT323
Rev. 3-20 November 2012
PMEG6002EB115 NXP-PMEG6002EB115 Datasheet
74Kb / 10P
   Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifiers with an integrated guard ring for stress protection, encapsulated in ultra small and flat lead Surface-Mounted Device (SMD) plastic packages
Rev. 01-24 November 2006
PMEG3050BEP PHILIPS-PMEG3050BEP Datasheet
265Kb / 13P
   Planar MEGA Schottky barrier rectifier with an integrated guard ring for stress protection
Rev. 01-28 October 2009
PMEG3010EP115 NXP-PMEG3010EP115 Datasheet
97Kb / 13P
   Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in a SOD128 small and flat lead Surface-Mounted Device (SMD) plastic package.
Rev. 01-30 December 2008
BAS316.115 NXP-BAS316.115 Datasheet
150Kb / 20P
   High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD) plastic packages
Rev. 05-25 August 2008
BAS70H.115 NXP-BAS70H.115 Datasheet
224Kb / 20P
   General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
logo
Nexperia B.V. All right...
11PS76SB21_SER NEXPERIA-11PS76SB21_SER Datasheet
655Kb / 11P
   Schottky barrier diodes in small packages
Rev. 06 - 21 December 2006
logo
NXP Semiconductors
1PS76SB21_15 PHILIPS-1PS76SB21_15_15 Datasheet
93Kb / 11P
   Schottky barrier diodes in small packages
Rev. 06-21 December 2006
PDTA114EU.115 NXP-PDTA114EU.115 Datasheet
728Kb / 17P
   PNP Resistor-Equipped Transistor (RET) family in small Surface-Mounted Device (SMD) plastic packages.
Rev. 10-21 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com