Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

548FBK078 Datasheet(PDF) 1 Page - Alpha Wire

Part # 548FBK078
Description  125 V Detachable Power Supply Cords
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

548FBK078 Datasheet(HTML) 1 Page - Alpha Wire

  548FBK078 Datasheet HTML 1Page - Alpha Wire 548FBK078 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
267
Cable > Manhattan > Cordsets > 125 V
Manhattan™ Cordsets
125 V Detachable Power Supply Cords
3-Conductor
SJT, SVT
UL 62 and 817
CSA C22.2 No. 21 and 49
Operating Temperature
• -20°C to +60°C
Conductor Color Coding
• Blue, brown, green/yellow (ICC)
• Black, white, green or
green/yellow (NEC)
Unshielded, Straight, Types SVT and SJT
Materials
• Stranded bare copper
conductors
• PVC insulation
• Aluminum/polyester foil shield
Foil facing inward
Tinned copper drain wire
(see tables for size)
• Black PVC jacket
Availability
25-piece packages
B suffix = 100-piece packages
(Minimums may apply)
NEMA 5-15P
Connector
IEC C-13 Right-Angle
Connector
IEC C-13 Connector
NEMA 5-15P
Connector
Part No.
Cord Length
Wire Size
Stranding
Nominal Diameter
Power Rating
Color
Code
25 pc
100 pc
Ft
m
AWG
mm2
AWG
mm
Inch
mm
Watts
Amps
Type SVT
545
545B
7’ 5”
2.3
18
0.82
41/34
41 x 0.16
0.250
6.35
1250
10
NEC
535
535B
7’ 5”
2.3
18
0.82
41/34
41 x 0.16
0.250
6.35
1250
10
NEC
Type SJT
531
531B
6’ 7”
2
18
0.82
41/34
41 x 0.16
0.330
8.38
1250
10
NEC
532
532B
9’ 10”
3
18
0.82
41/34
41 x 0.16
0.330
8.38
1250
10
NEC
533
6’ 7”
2
16
1.32
65/34
65 x 0.16
0.350
8.89
1625
13
ICC
546
7’ 5”
2.3
16
1.32
65/34
65 x 0.16
0.350
8.89
1625
13
ICC
534
534B
9’ 10”
3
16
1.32
65/34
65 x 0.16
0.331
8.41
1625
13
NEC
Shielded, Straight, Types SVT and SJT
Part No.
Cord Length
Wire Size
Stranding
Drain
Wire*
Nominal Diameter
Power Rating
Color
Code
Ft
m
AWG
mm2
AWG
mm
Inch
mm
Watts
Amps
Type SVT
547F
6’ 7”
2
18
0.82
41/34
41 x 0.16
A
0.260
6.60
1250
10
ICC
548F
9’ 10”
3
18
0.82
41/34
41 x 0.16
A
0.260
6.60
1250
10
ICC
Type SJT
531F
6’ 7”
2
18
0.82
41/34
41 x 0.16
B
0.317
8.05
1250
10
ICC
532F
9’ 10”
3
18
0.82
41/34
41 x 0.16
B
0.317
8.05
1250
10
ICC
536F
9’ 10”
3
14
2.08
41/30
41 x 0.25
C
0.400
10.16
1875
15
ICC
*Drain Wire:
A = 22 AWG (mm2), 7/30 (7 x 0.25 mm) stranding.
B = 18 AWG (0.82 mm2), 41/34 (41 x 0.16 mm) stranding.
C = 14 AWG (2.08 mm2), 41/30 (41 x 0.25 mm) stranding.


Similar Part No. - 548FBK078

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5480/15C ALPHAWIRE-5480/15C Datasheet
98Kb / 4P
   Customer Specification
12/5/2022
5480/25C ALPHAWIRE-5480/25C Datasheet
93Kb / 4P
   Customer Specification
1/11/2023
logo
Festo Corporation.
548001 FESTO-548001 Datasheet
92Kb / 1P
   Quick exhaust valve
4/11/22
548002 FESTO-548002 Datasheet
94Kb / 1P
   Quick exhaust valve
4/11/22
548003 FESTO-548003 Datasheet
94Kb / 1P
   Quick exhaust valve
4/11/22
More results

Similar Description - 548FBK078

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
550FBK078 ALPHAWIRE-550FBK078 Datasheet
71Kb / 2P
   125 V Detachable Power Supply Cords 3-Conductor
537BK078 ALPHAWIRE-537BK078 Datasheet
74Kb / 2P
   125 V Detachable Power Supply Cords 3-Conductor
601B ALPHAWIRE-601B Datasheet
84Kb / 2P
   125 V Jumper Cords
777BSL076 ALPHAWIRE-777BSL076 Datasheet
72Kb / 2P
   125 V Power Cords 3-Conductor
782BK078 ALPHAWIRE-782BK078 Datasheet
72Kb / 2P
   125 V Power Cords 3-Conductor
logo
List of Unclassifed Man...
VL-1724-23-300 ETC2-VL-1724-23-300 Datasheet
67Kb / 2P
   CORDSET - BRITISH V-LOCK DETACHABLE POWER SUPPLY CORD
VL-2224-34-150 ETC2-VL-2224-34-150 Datasheet
64Kb / 2P
   CORDSET - HAPANESE V-LCOK DETACHABLE POWER SUPPLY CORD
VL-2624-32-200 ETC2-VL-2624-32-200 Datasheet
66Kb / 2P
   CORDSET -CHINESE V-LOCK DETACHABLE POWER SUPPLY CORD
VL-2636-33-200 ETC2-VL-2636-33-200 Datasheet
69Kb / 2P
   CORDSET - CHINESE V-LOCK DETACHABLE POWER SUPPLY CORD
VL-2224-35-200 ETC2-VL-2224-35-200 Datasheet
65Kb / 2P
   CORDSET - JAPANESE V-LCOK DETACHABLE POWER SUPPLY CORD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com