Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3LU-0524ELF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P3LU-0524ELF
Description  PM1-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P3LU-0524ELF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P3LU-0524ELF Datasheet HTML 1Page - PEAK electronics GmbH P3LU-0524ELF Datasheet HTML 2Page - PEAK electronics GmbH P3LU-0524ELF Datasheet HTML 3Page - PEAK electronics GmbH P3LU-0524ELF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PM1-Series – P3LU-xxxxE/Z(Hxx)LF – Single and Dual Output – SIP7 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/4
Selection Guide
Single Output
Order #
Inpu
t Vo
ltag
e (V
DC)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Vol
tage
(VD
C)
Out
put
Cur
rent
Full
Loa
d (m
A)
Effic
ienc
y (%
)
Cap
acit
or L
oad
(uF
SINGLE OUTPUT
P3LU-053R3ELF
5
30
142
3.3
151.5
70
220
P3LU-0505ELF
5
30
135
5
100
74
220
P3LU-057R2ELF
5
30
135
7.2
69.4
74
220
P3LU-0509ELF
5
30
133
9
55.5
75
220
P3LU-0512ELF
5
30
131
12
41.6
76
220
P3LU-0515ELF
5
30
131
15
33.3
76
220
P3LU-0518ELF
5
30
131
18
27.8
76
220
P3LU-0524ELF
5
30
128
24
20.8
78
220
P3LU-123R3ELF
12
20
59
3.3
151.5
70
220
P3LU-1205ELF
12
20
57
5
100
73
220
P3LU-127R2ELF
12
20
56
7.2
69.4
74
220
P3LU-1209ELF
12
20
55
9
55.5
75
220
P3LU-1212ELF
12
20
54
12
41.6
76
220
P3LU-1215ELF
12
20
54
15
33.3
76
220
P3LU-1218ELF
12
20
54
18
27.8
76
220
P3LU-1224ELF
12
20
53
24
20.8
78
220
P3LU-243R3ELF
24
10
29
3.3
151.5
70
220
P3LU-2405ELF
24
10
28
5
100
73
220
P3LU-247R2ELF
24
10
28
7.2
69.4
74
220
P3LU-2409ELF
24
10
28
9
55.5
75
220
P3LU-2412ELF
24
10
27
12
41.6
76
220
P3LU-2415ELF
24
10
26
15
33.3
78
220
P3LU-2418ELF
24
10
26
18
27.8
78
220
P3LU-2424ELF
24
10
26
24
20.8
78
220
P3LU-483R3ELF
48
6
14
3.3
151.5
70
220
P3LU-4805ELF
48
6
14
5
100
72
220
P3LU-487R2ELF
48
6
14
7.2
69.4
72
220
P3LU-4809ELF
48
6
14
9
55.5
74
220
P3LU-4812ELF
48
6
14
12
41.6
74
220
P3LU-4815ELF
48
6
13
15
33.3
75
220
P3LU-4818ELF
48
6
13
18
27.8
75
220
P3LU-4824ELF
48
6
13
24
20.8
77
220
If you need other specifications, please enquire.
*OPTIONS:
H40 = 4000 VDC ISOLATION
H52 = 5200 VDC ISOLATION
H60 = 6000 VDC ISOLATION
For other I/O Isolation please see
table on the left hand side and add
“Hxx” before LF
(P3LU-2412EH60LF for 6KV)


Similar Part No. - P3LU-0524ELF

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
P3L150A PFC-P3L150A Datasheet
693Kb / 5P
   3A 150V MOS Schottky Rectifier
P3L150F-A PFC-P3L150F-A Datasheet
670Kb / 5P
   3A 150V MOS Schottky Rectifier
P3L200A PFC-P3L200A Datasheet
694Kb / 5P
   3A 200V MOS Schottky Rectifier
P3L200B PFC-P3L200B Datasheet
642Kb / 5P
   3A 200V MOS Schottky Rectifier
P3L200F-A PFC-P3L200F-A Datasheet
666Kb / 5P
   3A 200V MOS Schottky Rectifier
More results

Similar Description - P3LU-0524ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P5DU PEAK-P5DU_14 Datasheet
132Kb / 4P
   PM1-SERIES
P6MU PEAK-P6MU_14 Datasheet
148Kb / 4P
   PM1-SERIES
P5MU PEAK-P5MU_14 Datasheet
141Kb / 4P
   PM1-SERIES
P6DUI PEAK-P6DUI_14 Datasheet
130Kb / 3P
   PM1-SERIES
P6DU PEAK-P6DU_14 Datasheet
140Kb / 4P
   PM1-SERIES
P6LU PEAK-P6LU_14 Datasheet
154Kb / 4P
   PM1-SERIES
P6CU PEAK-P6CU_14 Datasheet
151Kb / 4P
   PM1-SERIES
P6CUI PEAK-P6CUI_14 Datasheet
141Kb / 3P
   PM1-SERIES
P3MU PEAK-P3MU_14 Datasheet
141Kb / 4P
   PM1-SERIES
P5CU PEAK-P5CU_14 Datasheet
143Kb / 4P
   PM1-SERIES
P3CU PEAK-P3CU_14 Datasheet
143Kb / 4P
   PM1-SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com