Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3LU-4824ELF Datasheet(PDF) 4 Page - PEAK electronics GmbH

Part # P3LU-4824ELF
Description  PM1-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P3LU-4824ELF Datasheet(HTML) 4 Page - PEAK electronics GmbH

  P3LU-4824ELF Datasheet HTML 1Page - PEAK electronics GmbH P3LU-4824ELF Datasheet HTML 2Page - PEAK electronics GmbH P3LU-4824ELF Datasheet HTML 3Page - PEAK electronics GmbH P3LU-4824ELF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PM1-Series – P3LU-xxxxE/Z(Hxx)LF – Single and Dual Output – SIP7 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 4/4
Package / Pinning / Derating
Modelcode
Datecode
1
2
4
5
6
7
6.00*
(0.24)
19.50
(0.76)
15.24
(0.60)
2.54
(0.10)
0.50
(0.02)
0.50
(0.02)
2.1
(0.9)
All dimensions are typical in millimeters (inches).
- Pin diameter: 0.5 +/-0.05 (0.02 +/-0.002)
- Pin pitch tolerance: +/-0.35 (+/-0.014)
- Case tolerance +/-0.5 (+/-0.02)
Specification may change without notice.
* The thickness
of 48Vin voltage
is 7.20(0.28)
PE
AK
SIP 7 – PLASTIC CASE
#
SINGLE ≥3KV
DUAL ≥3KV
1
+Vin
+Vin
2
- Vin
- Vin
4
Omitted
Omitted
5
- Vout
- Vout
6
Omitted
Common
7
+Vout
+Vout
PIN CONNECTIONS
App Notes:
¹ = Measured Input reflected ripple current with a simulated source inductance of 12uH.
² = Tested by minimal Vin and constant resistive load.
- Operation under no-load conditions will not damage these devices, but they will not observe the listed specifications.


Similar Part No. - P3LU-4824ELF

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
P3L150A PFC-P3L150A Datasheet
693Kb / 5P
   3A 150V MOS Schottky Rectifier
P3L150F-A PFC-P3L150F-A Datasheet
670Kb / 5P
   3A 150V MOS Schottky Rectifier
P3L200A PFC-P3L200A Datasheet
694Kb / 5P
   3A 200V MOS Schottky Rectifier
P3L200B PFC-P3L200B Datasheet
642Kb / 5P
   3A 200V MOS Schottky Rectifier
P3L200F-A PFC-P3L200F-A Datasheet
666Kb / 5P
   3A 200V MOS Schottky Rectifier
More results

Similar Description - P3LU-4824ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P5DU PEAK-P5DU_14 Datasheet
132Kb / 4P
   PM1-SERIES
P6MU PEAK-P6MU_14 Datasheet
148Kb / 4P
   PM1-SERIES
P5MU PEAK-P5MU_14 Datasheet
141Kb / 4P
   PM1-SERIES
P6DUI PEAK-P6DUI_14 Datasheet
130Kb / 3P
   PM1-SERIES
P6DU PEAK-P6DU_14 Datasheet
140Kb / 4P
   PM1-SERIES
P6LU PEAK-P6LU_14 Datasheet
154Kb / 4P
   PM1-SERIES
P6CU PEAK-P6CU_14 Datasheet
151Kb / 4P
   PM1-SERIES
P6CUI PEAK-P6CUI_14 Datasheet
141Kb / 3P
   PM1-SERIES
P3MU PEAK-P3MU_14 Datasheet
141Kb / 4P
   PM1-SERIES
P5CU PEAK-P5CU_14 Datasheet
143Kb / 4P
   PM1-SERIES
P3CU PEAK-P3CU_14 Datasheet
143Kb / 4P
   PM1-SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com