Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3704STRLPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF3704STRLPBF
Description  High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3704STRLPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF3704STRLPBF Datasheet HTML 1Page - International Rectifier IRF3704STRLPBF Datasheet HTML 2Page - International Rectifier IRF3704STRLPBF Datasheet HTML 3Page - International Rectifier IRF3704STRLPBF Datasheet HTML 4Page - International Rectifier IRF3704STRLPBF Datasheet HTML 5Page - International Rectifier IRF3704STRLPBF Datasheet HTML 6Page - International Rectifier IRF3704STRLPBF Datasheet HTML 7Page - International Rectifier IRF3704STRLPBF Datasheet HTML 8Page - International Rectifier IRF3704STRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRF3704/S/LPbF
2
www.irf.com
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
216
mJ
IAR
Avalanche Current

–––
71
A
Avalanche Characteristics
S
D
G
Diode Characteristics
77
…
308
A
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
42
–––
–––
S
VDS = 10V, ID = 57A
Qg
Total Gate Charge
–––
19
–––
ID = 28.4A
Qgs
Gate-to-Source Charge
–––
8.1
–––
nC
VDS = 10V
Qgd
Gate-to-Drain ("Miller") Charge
–––
6.4
–––
VGS = 4.5V
ƒ
Qoss
Output Gate Charge
–––
16
24
VGS = 0V, VDS = 10V
td(on)
Turn-On Delay Time
–––
8.4
–––
VDD = 10V
tr
Rise Time
–––
98
–––
ID = 28.4A
td(off)
Turn-Off Delay Time
–––
12
–––
RG = 1.8Ω
tf
Fall Time
–––
5.0
–––
VGS = 4.5V
ƒ
Ciss
Input Capacitance
––– 1996 –––
VGS = 0V
Coss
Output Capacitance
––– 1085 –––
VDS = 10V
Crss
Reverse Transfer Capacitance
–––
155
–––
pF
ƒ = 1.0MHz
VSD
Diode Forward Voltage
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

––– –––
p-n junction diode.
––– 0.88
1.3
V
TJ = 25°C, IS = 35.5A, VGS = 0V
ƒ
––– 0.82 –––
TJ = 125°C, IS = 35.5A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
38
57
ns
TJ = 25°C, IF = 35.5A, VR=20V
Qrr
Reverse Recovery Charge
–––
45
68
nC
di/dt = 100A/µs
ƒ
trr
Reverse Recovery Time
–––
41
62
ns
TJ = 125°C, IF = 35.5A, VR=20V
Qrr
Reverse Recovery Charge
–––
50
75
nC
di/dt = 100A/µs
ƒ
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.021 –––
V/°C Reference to 25°C, ID = 1mA
–––
6.3
9.0
VGS = 10V, ID = 15A
ƒ
–––
9.8
13.5
VGS = 4.5V, ID = 12A
ƒ
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
VDS = VGS, ID = 250µA
–––
–––
20
µA
VDS = 16V, VGS = 0V
–––
–––
100
VDS = 16V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 16V
Gate-to-Source Reverse Leakage
–––
––– -200
nA
VGS = -16V
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
m


Similar Part No. - IRF3704STRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3704S IRF-IRF3704S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A??
IRF3704S IRF-IRF3704S Datasheet
27Kb / 2P
   POWER MANAGEMENT CHIPSET FOR 3-PHASE VRM 9.0 CONVERTERS
IRF3704SPBF IRF-IRF3704SPBF Datasheet
269Kb / 11P
   HEXFET Power MOSFET
More results

Similar Description - IRF3704STRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3704TRLPBF IRF-IRFR3704TRLPBF Datasheet
226Kb / 10P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRLR3715TRRPBF IRF-IRLR3715TRRPBF Datasheet
277Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF7457PBF IRF-IRF7457PBF_15 Datasheet
182Kb / 8P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF7458TRPBF IRF-IRF7458TRPBF Datasheet
135Kb / 8P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRL IRF-IRF3711STRL Datasheet
275Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706PBF IRF-IRF3706PBF Datasheet
365Kb / 12P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRLPBF IRF-IRF3711STRLPBF Datasheet
292Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706STRL IRF-IRF3706STRL Datasheet
152Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF3707STRRPBF IRF-IRF3707STRRPBF Datasheet
287Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRFR3711TRPBF IRF-IRFR3711TRPBF Datasheet
237Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com