Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3708S Datasheet(PDF) 5 Page - International Rectifier

Part # IRF3708S
Description  High Frequency Buck Converters for Computer Processor Power
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3708S Datasheet(HTML) 5 Page - International Rectifier

  IRF3708S Datasheet HTML 1Page - International Rectifier IRF3708S Datasheet HTML 2Page - International Rectifier IRF3708S Datasheet HTML 3Page - International Rectifier IRF3708S Datasheet HTML 4Page - International Rectifier IRF3708S Datasheet HTML 5Page - International Rectifier IRF3708S Datasheet HTML 6Page - International Rectifier IRF3708S Datasheet HTML 7Page - International Rectifier IRF3708S Datasheet HTML 8Page - International Rectifier IRF3708S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IRF3708/3708S/3708L
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-VDD
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
T , Case Temperature ( C)
°
C
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1

Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C

P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50

SINGLE PULSE
(THERMAL RESPONSE)


Similar Part No. - IRF3708S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3708S IRF-IRF3708S Datasheet
138Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)
logo
Kersemi Electronic Co.,...
IRF3708S KERSEMI-IRF3708S Datasheet
1Mb / 10P
   SMPS MOSFET
logo
International Rectifier
IRF3708SPBF IRF-IRF3708SPBF Datasheet
282Kb / 11P
   SMPS MOSFET HEXFET짰Power MOSFET
IRF3708SPBF IRF-IRF3708SPBF Datasheet
283Kb / 11P
   High Frequency DC-DC Isolated Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com