Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCI7661C Datasheet(PDF) 5 Page - Epson Company

Part # SCI7661C
Description  DC-DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SCI7661C Datasheet(HTML) 5 Page - Epson Company

  SCI7661C Datasheet HTML 1Page - Epson Company SCI7661C Datasheet HTML 2Page - Epson Company SCI7661C Datasheet HTML 3Page - Epson Company SCI7661C Datasheet HTML 4Page - Epson Company SCI7661C Datasheet HTML 5Page - Epson Company SCI7661C Datasheet HTML 6Page - Epson Company SCI7661C Datasheet HTML 7Page - Epson Company SCI7661C Datasheet HTML 8Page - Epson Company SCI7661C Datasheet HTML 9Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
SCI7661COA/MOA
s CIRCUIT DESCRIPTION
q C-R Oscillator
The SCI7661C/M contains a C-R oscillator for internal
oscillation. It consists of an external resistor ROSC
connected between the OSC1 pin and OSC2 pin.
q Voltage Converters
The voltage converters doubleÅ^triple the input supply voltage (VIN) using clocks generated by the C-R oscillator
qReference Voltage Generator and Voltage Regulator
The reference voltage generator produces reference
voltage needed for operation of regulator circuit. The
voltage regulator is used to regulate a boosted output
voltage and its circuit contains a power-off function which
uses signals from the system for on-off control of the
Vreg output.
q Temperature Gradient Selector Circut
The SCI7661C/M provides the Vreg output with a temperature gradient suitable for LCD driving.
0.30
0.25
50
0
-50
0.20
0.15
0.10
0.05
0.00
V
OUT=
-5V
V
OUT=
-10V
CT:
-0.1%/
°C
CT:
-0.4%/
°C
CT:
-0.6%/
°C
V
OUT=
-15V
I
OUT(mA)
Ta(
°C)
0
-50
0
50
100
510
15
20
Fig:13 Regulated Output Saturation
Resistance(RSAT)Vreg—VOUT —IOUT
Fig:14 Output Voltage(vreg)vs.
Temperature(Ta)
Osc1
Osc2
Osc1
Osc2
ROSC
C-R Oscillation
External Clock Operation
Open
External Clock
VCC
VDD=0V
VDD=0V
VIN=-5V
VIN=-5V
CAP2=2VIN=-10V
VOUT=3VIN=-15V
(+5V)
(-5V)
GND
Typical Doubled Voltage Relations
Typical Tripled Voltage Relations
VDD
Poff
Vreg
RV
Voltage Regulator
Control signal
RRV = 100kΩ to 1MΩ


Similar Part No. - SCI7661C

ManufacturerPart #DatasheetDescription
logo
Epson Company
SCI7660 EPSON-SCI7660 Datasheet
52Kb / 6P
   DC-DC Converter
More results

Similar Description - SCI7661C

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com