Electronic Components Datasheet Search |
|
T90N1D12-12 Datasheet(PDF) 3 Page - Tyco Electronics |
|
T90N1D12-12 Datasheet(HTML) 3 Page - Tyco Electronics |
3 / 4 page 3 02-2014, Rev. 0214 www.te.com © 2014 Tyco Electronics Corporation, a TE Connectivity Ltd. company. Catalog and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Catalog and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Catalog product data, ‘Definitions’ section, application notes and all specifications are subject to change. Potter & Brumfield T90 Series, 30A PCB Relay (Continued) Potter & Brumfield Product code structure Typical product code T90 S 5 D 1 2 -24 Type T90 Power PCB relay T90 Enclosure N Open, no enclosure (snap-on dust cover available as an option) S Wash-tight, sealed plastic case with knock off nib for ventilation Contact arrangement 1 1 form A (1 NO) 2 1 form B (1 NC) 5 1 form C (1 CO) Coil Input D DC voltage Mounting and termination 1 PCB terminals 4 PCB terminals, no common terminal between coil terminals (see PCB layout/terminal assignment drawing) Note: Terminal code 4 recommended for UL 873 applications. Consult factory for use of terminal code 1 for UL 873 applications. Contact material 2 AgCdO Coil voltage Coil code: please refer to coil versions table Product Code Enclosure Contacts Terminals Contact Material Coil Part Number T90N1D12-5 open, no cover 1 form A, 1 NO PCB AgCdO 5 VDC 7-1393208-4 T90N1D12-9 9 VDC 7-1393208-5 T90N1D12-12 12 VDC 6-1393208-5 T90N1D12-18 18 VDC 6-1393208-8 T90N1D12-24 24 VDC 7-1393208-0 T90N1D12-48 48 VDC 7-1393208-3 T90N1D12-110 110 VDC 6-1393208-4 T90N1D42-12 PCB, no extra COM 12 VDC 7-1393208-7 T90N1D42-24 24 VDC 7-1393208-9 T90N5D12-5 1 form C, 1 CO PCB 5 VDC 9-1393208-5 T90N5D12-12 12 VDC 8-1393208-6 T90N5D12-18 18 VDC 9-1393208-0 T90N5D12-24 24 VDC 9-1393208-3 T90N5D12-48 48 VDC 9-1393208-4 T90N5D12-110 110 VDC 8-1393208-5 T90N5D42-12 PCB, no extra COM 12VDC 9-1393208-9 T90N5D42-24 24 VDC 1393209-2 T90S1D12-5 wash tight 1 form A, 1 NO PCB 5 VDC 1-1393209-8 T90S1D12-6 6 VDC 1-1393209-9 T90S1D12-9 9 VDC 2-1393209-0 T90S1D12-12 12 VDC 1-1393209-2 T90S1D12-18 18 VDC 1-1393209-3 T90S1D12-24 24 VDC 1-1393209-6 T90S1D42-12 PCB, no extra COM 12 VDC 2-1393209-2 T90S1D42-24 24 VDC 2-1393209-5 T90S1D42-48 48 VDC 2-1393209-6 T90S5D12-5 1 form C, 1 CO PCB 5 VDC 3-1393209-4 T90S5D12-12 12 VDC 2-1393209-8 T90S5D12-18 18 VDC 3-1393209-0 T90S5D12-24 24 VDC 3-1393209-1 T90S5D12-48 48 VDC 3-1393209-3 T90S5D42-12 PCB, no extra COM 12 VDC 1423094-1 T90S5D42-18 18 VDC 3-1393209-8 T90S5D42-24 24 VDC 4-1393209-0 General Purpose High Power PCB Relays |
Similar Part No. - T90N1D12-12 |
|
Similar Description - T90N1D12-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |