Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T90S1D42-24 Datasheet(PDF) 2 Page - Tyco Electronics

Part # T90S1D42-24
Description  T90 Series, 30A PCB Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T90S1D42-24 Datasheet(HTML) 2 Page - Tyco Electronics

  T90S1D42-24 Datasheet HTML 1Page - Tyco Electronics T90S1D42-24 Datasheet HTML 2Page - Tyco Electronics T90S1D42-24 Datasheet HTML 3Page - Tyco Electronics T90S1D42-24 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
02-2014, Rev. 0214
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
T90 Series, 30A PCB Relay (Continued)
Other Data (continued)
Vibration resistance (functional)
1.65mm max excursions, 10-55 Hz
Shock resistance (functional)
10g for 11msec
Shock resistance (destructive)
100g
Terminal type
PCB-tht
Weight
20g open relay
26g wash-tight relay
Resistance to soldering heat THT
IEC 60068-2-20
250°C
Packaging/unit
tray/50 pcs., box/500 pcs.
1) Operating ambient temperature must consider “Must Operate Voltage Change Over
Temperature,” Contact Temperature Rise, Coil Temperature Rise (If coil is not allowed to
cool) and Maximum Coil Temperature. Specification ambient considers 20A load with
coil cooled to ambient.
Insulation Data
Initial dielectric strength
between open contacts
1500V
rms
between contact and coil
1500V
rms
Initial insulation resistance
between insulated elements
1x109
Clearance/creepage
between contact and coil
3.17mm
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
DC coil
-55ºC to 85ºC 1)
Category of environmental protection
IEC 61810
RT0 - open, RTIII - wash tight
Dimensions
T90N
T90S
Terminal assignment
Bottom view on pins
1 form A
1 form B
1 form C
PCB layout
Bottom view on pins
Only necessary terminals are
present on single throw models
and terminal code 4 models.
Consequently, some holes will be
unnecessary for those models.
.045 x .045
(1.14 x 1.14)
TERMINALS
.025 x .025
(.64 x .64)
TERMINALS
.031 x .062
(.79 x 1.58)
TERMINALS
.680 MAX.
(17.27)
.130 .020
(3.3 .51)
1.20 MAX.
(30.5)
.950 MAX.
(24.13)
.032 x .062
(.8 x 1.6)
TERMINALS
.212 MAX.
(5.38)
.10 MAX.
(2.54)
.805 MAX.
(20.4)
.69
(17.6)
1.27 MAX.
(32.26)
1.08 MAX.
(27.43)
.50
(12.8)
.130 + .016
– .010
3.30 + .41
–.25
(
)
.016
(.43)
.025 x .025
(.64 x .64)
TERMINALS
2x
.045 x .045
(1.14 x 1.14)
TERMINALS
2x
.078 ± .003 DIA.
(1.98 ± .08)
.100
(2.54)
.600
(15.24)
.600
(15.24)
.300
(7.62)
.043 ± .003 DIA.
(1.09 ± .08)
.150
(3.81)
.350
(8.89)
.550
(13.97)
.700
(17.78)
.081 ± .005 DIA.
(2.06 ± .13)
.719
(18.26)
1.256 MAX.
(31.9)
.69
(17.5)
.090
(2.29)
1.067 MAX.
(27.1)
.50
(12.7)
.87
(22.1)
Note: This terminal is not present on relays with terminal code 4.
Accessory
Optional plastic dust cover is a snap-on unit, open on the PC board side of
the relay. The cover, when ordered with the relay, is shipped separately. It is
designed to be snapped into place by the customer after the relay has been
assembled to the PC board.
Product Code Description
Part Number
35C620A
Black dust cover, for use on T90N relay
4-1393209-2
35C620A
General Purpose
High Power PCB Relays


Similar Part No. - T90S1D42-24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T90S1D12-24 MACOM-T90S1D12-24 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
More results

Similar Description - T90S1D42-24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393209-2 MACOM-2-1393209-2 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-7 MACOM-2-1393209-7 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-1 MACOM-2-1393209-1 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
T90S1D12-24 MACOM-T90S1D12-24 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-0 MACOM-2-1393209-0 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-5 MACOM-2-1393209-5 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-6 MACOM-2-1393209-6 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-8 MACOM-2-1393209-8 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
logo
TE Connectivity Ltd
T9G TEC-T9G Datasheet
812Kb / 5P
   T9G series, DC coil 30A PCB Relay
logo
Tyco Electronics
2-1419104-0 MACOM-2-1419104-0 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com