Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBAV70 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TBAV70
Description  Low Power Signal Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TBAV70 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TBAV70 Datasheet HTML 1Page - List of Unclassifed Manufacturers TBAV70 Datasheet HTML 2Page - List of Unclassifed Manufacturers TBAV70 Datasheet HTML 3Page - List of Unclassifed Manufacturers TBAV70 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TBAV70
Low Power Signal Diodes
Page 1
08/05/06 V1.0
Features:
• Silicon planar epitaxial high-speed diodes.
• Supplied on 8mm tape.
SOT-23 Formed SMD Package
Package Outline Details
Dimensions : Millimetres
Dimensions : Millimetres
Absolute Maximum Ratings
Description
Symbol
Values
Unit
Continuous reverse voltage
VR
maximum
70
V
Repetitive peak reverse voltage
VRRM
75
Repetitive peak forward current
IFRM
450
mA
Junction temperature
Tj
150
°C
Forward voltage IF = 50mA
VF
<
1.0
V
Reverse recovery time when switched from
IF = 10mA to IR = 10mA; RL = 100W;
measured at IR = 1mA
trr
<
4
ns
Recovery charge when switched from
IF = 10mA to VR = 5V; RL = 100W
QS
<
45
pc
Height
Width
Depth
1.12
3.05
2.5
Pin Configuration
1 = Anode
2 = Anode
3 = Cathode


Similar Part No. - TBAV70

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TBAV70 TOSHIBA-TBAV70 Datasheet
201Kb / 5P
   Switching Diodes Silicon Epitaxial Planar
More results

Similar Description - TBAV70

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAS69 STMICROELECTRONICS-BAS69 Datasheet
105Kb / 9P
   Low capacitance small signal Schottky diodes
BAT41 STMICROELECTRONICS-BAT41_06 Datasheet
153Kb / 12P
   Low capacitance small signal Schottky diodes
logo
Comchip Technology
ACDBZ0130L-HF COMCHIP-ACDBZ0130L-HF Datasheet
109Kb / 4P
   Low VF Small Signal Schottky Diodes
logo
STMicroelectronics
BAT41ZFILM STMICROELECTRONICS-BAT41ZFILM Datasheet
153Kb / 12P
   Low capacitance small signal Schottky diodes
logo
Vishay Siliconix
BAQ133 VISHAY-BAQ133_05 Datasheet
129Kb / 5P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 1.7, 09-Dec-05
BAQ33 VISHAY-BAQ33_12 Datasheet
59Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 1.8, 01-Sep-10
BAQ133 VISHAY-BAQ133_V01 Datasheet
100Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
09-Jul-2021
BAQ333 VISHAY-BAQ333_06 Datasheet
130Kb / 5P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 2.0, 07-Mar-06
BAQ33 VISHAY-BAQ33_V01 Datasheet
85Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
09-Jul-2021
BAQ133 VISHAY-BAQ133_12 Datasheet
175Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 1.8, 20-Aug-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com