Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDZ75 Datasheet(PDF) 4 Page - Rohm

Part # TDZ75
Description  Constant voltage control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TDZ75 Datasheet(HTML) 4 Page - Rohm

  TDZ75 Datasheet HTML 1Page - Rohm TDZ75 Datasheet HTML 2Page - Rohm TDZ75 Datasheet HTML 3Page - Rohm TDZ75 Datasheet HTML 4Page - Rohm TDZ75 Datasheet HTML 5Page - Rohm TDZ75 Datasheet HTML 6Page - Rohm TDZ75 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
TDZ series
lElectrical characteristic curves
1
10
100
1000
10000
0.001
0.01
0.1
1
10
10
100
1000
0.001 0.01
0.1
1
10
100 1000
Rth(j-a)
Rth(j-c)
0
100
200
300
400
500
600
0
25
50
75
100
125
150
-5
0
5
10
15
20
25
30
-0.02
0
0.02
0.04
0.06
0.08
0.1
0
5
10
15
20
25
30
35
AMBIENT TEMPERATURE : Ta(°C)
Pd-Ta CHARACTERISTICS
TIME : t(ms)
PRSM-TIME CHARACTERISTICS
ZENER VOLTAGE : VZ(V)
γZ -VZ CHARACTERISTICS
TIME : t(s)
Rth-t CHARACTERISTICS
t
PRSM
1ms
IM=10mA
IF=0.5A
300ms
time
Mounted on glass epoxy board
4/6
2013.11 - Rev.D


Similar Part No. - TDZ75

ManufacturerPart #DatasheetDescription
logo
Rohm
TDZ7.5 ROHM-TDZ7.5 Datasheet
152Kb / 5P
   Zener diode
TDZ7.5 ROHM-TDZ7.5 Datasheet
143Kb / 5P
   Zener diode
TDZ7.5 ROHM-TDZ7.5 Datasheet
160Kb / 5P
   Zener diode
TDZ7.5 ROHM-TDZ7.5 Datasheet
143Kb / 5P
   Zener diode
TDZ7.5 ROHM-TDZ7.5 Datasheet
142Kb / 5P
   Zener diode
More results

Similar Description - TDZ75

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZSTE-176.8B ROHM-UDZSTE-176.8B Datasheet
159Kb / 5P
   Constant voltage control
TDZTR27 ROHM-TDZTR27 Datasheet
356Kb / 7P
   Constant voltage control
UDZSTE-178.2B ROHM-UDZSTE-178.2B Datasheet
158Kb / 5P
   Constant voltage control
UDZSTE-1710B ROHM-UDZSTE-1710B Datasheet
158Kb / 5P
   Constant voltage control
UDZSTE-1715B ROHM-UDZSTE-1715B Datasheet
159Kb / 5P
   Constant voltage control
TDZTR30 ROHM-TDZTR30 Datasheet
358Kb / 7P
   Constant voltage control
GDZT2R5.6 ROHM-GDZT2R5.6 Datasheet
117Kb / 5P
   Constant voltage control
MTZJT7724B ROHM-MTZJT7724B Datasheet
54Kb / 4P
   Constant voltage control
UDZSTE-1711B ROHM-UDZSTE-1711B Datasheet
159Kb / 5P
   Constant voltage control
EDZTE6112B ROHM-EDZTE6112B Datasheet
480Kb / 5P
   Constant voltage control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com