Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TACL335006TA Datasheet(PDF) 4 Page - AVX Corporation

Part # TACL335006TA
Description  The world?셲 smallest surface mount tantalum capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TACL335006TA Datasheet(HTML) 4 Page - AVX Corporation

  TACL335006TA Datasheet HTML 1Page - AVX Corporation TACL335006TA Datasheet HTML 2Page - AVX Corporation TACL335006TA Datasheet HTML 3Page - AVX Corporation TACL335006TA Datasheet HTML 4Page - AVX Corporation TACL335006TA Datasheet HTML 5Page - AVX Corporation TACL335006TA Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APRIL 2014
29
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (mA)
Product
AVX
Case Capacitance
Voltage
Temperature Voltage
Temperature
(μA)
%
Max. (Ω)
MSL
25ºC
85ºC
125ºC
Category
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
TACK334*010#TA
K
0.33
10
85
7
125
0.5
6
20
1
27
25
11
1
TACK474*010#TA
K
0.47
10
85
7
125
0.5
6
15
1
32
28
13
1
TACL474*010#TA
L
0.47
10
85
7
125
0.5
6
7.5
1
58
52
23
1
TACK684*010#TA
K
0.68
10
85
7
125
0.5
8
15
1
32
28
13
2
TACL684*010#TA
L
0.68
10
85
7
125
0.5
6
7.5
1
58
52
23
1
TACK105*010#TA
K
1
10
85
7
125
0.5
6
15
1
32
28
13
2
TACL105*010#TA
L
1
10
85
7
125
0.5
6
7.5
1
58
52
23
1
TACR105*010#TA
R
1
10
85
7
125
0.5
6
7
1
80
72
32
1
TACL155*010#TA
L
1.5
10
85
7
125
0.5
6
7.5
1
58
52
23
1
TACL225*010#TA
L
2.2
10
85
7
125
0.5
6
7.5
1
58
52
23
1
TACL335*010#TA
L
3.3
10
85
7
125
0.5
8
7.5
1
58
52
23
2
TACR335*010#TA
R
3.3
10
85
7
125
0.5
8
5
1
95
85
38
1
TACL475*010#TA
L
4.7
10
85
7
125
0.5
10
6
1
65
58
26
2
TACR475*010#TA
R
4.7
10
85
7
125
0.5
8
6
1
87
78
35
1
TACL685*010#TA
L
6.8
10
85
7
125
0.7
20
7,5
1
58
52
23
3
TACR685*010#TA
R
6.8
10
85
7
125
0.7
8
5
1
95
85
38
1
TACL106*010#TA
L
10
10
85
7
125
1
20
7.5
1
58
52
23
3
TACR106*010#TA
R
10
10
85
7
125
1
8
5
1
95
85
38
1
TACR156*010#TA
R
15
10
85
7
125
1.5
10
5
1
95
85
38
1
TACR226*010#TA
R
22
10
85
7
125
2.2
14
5
1
95
85
38
2
TACA336*010#TA
A
33
10
85
7
125
3.3
12
1
1
200
180
80
1
TACR336*010#TA
R
33
10
85
7
125
3.3
20
5
1
95
85
38
3
TACB476*010#TA
B
47
10
85
7
125
4.7
15
1
1
200
180
80
1
16 Volt @ 85°C
TACK104*016#TA
K
0.1
16
85
10
125
0.5
6
40
1
19
17
8
1
TACK154*016#TA
K
0.15
16
85
10
125
0.5
6
30
1
22
20
9
1
TACK224*016#TA
K
0.22
16
85
10
125
0.5
6
20
1
27
25
11
1
TACK334*016#TA
K
0.33
16
85
10
125
0.5
6
20
1
27
25
11
1
TACL474*016#TA
L
0.47
16
85
10
125
0.5
6
7.5
1
58
52
23
1
TACL684*016#TA
L
0.68
16
85
10
125
0.5
6
7.5
1
58
52
23
1
TACL105*016#TA
L
1
16
85
10
125
0.5
6
7.5
1
58
52
23
1
TACL225*016#TA
L
2.2
16
85
10
125
0.5
10
7.5
1
58
52
23
1
TACR106*016#TA
R
10
16
85
10
125
1.6
10
5
1
95
85
38
2
20 Volt @ 85°C
TACK224*020#TA
K
0.22
20
85
13
125
0.5
6
20
1
27
25
11
1
TACR335*020#TA
R
3.3
20
85
13
125
0.7
8
5
1
95
85
38
1
TACR475*020#TA
R
4.7
20
85
13
125
0.9
8
5
1
95
85
38
1
25 Volt @ 85°C
TACR105*025#TA
R
1
25
85
17
125
0.5
8
5
1
95
85
38
1
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
For typical weight and composition see page 202.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
TACmicrochip
®
Standard Microchip


Similar Part No. - TACL335006TA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TACL335006TA AVX-TACL335006TA Datasheet
115Kb / 3P
   TACmicrochip짰 Standard Microchip
More results

Similar Description - TACL335006TA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
   The world?셲 smallest surface mount tantalum capacitor
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
logo
Murata Manufacturing Co...
IRS-B340ST02 MURATA-IRS-B340ST02 Datasheet
1,001Kb / 20P
   Smallest and Thinnest in the World! Developing Surface Mount Smallest and Thinnest in the World! Developing Surface Mount
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
logo
PIC GmbH
PLS-020A-3 PIC-PLS-020A-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
PLS-020B-3 PIC-PLS-020B-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
logo
STATEK CORPORATION
CXOQ STATEK-CXOQ_10 Datasheet
2Mb / 2P
   One of the World?셲 Smallest and Highest Precision Crystal Oscillators
logo
TEMEX
RFPO40 TEMEX-RFPO40 Datasheet
260Kb / 2P
   The RFPO40 is from the world?셲 smallest and first ASIC.based OCXO product
logo
PhaseLink Corporation
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-28 PLL-PL611S-28 Datasheet
324Kb / 9P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com