Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDZ30 Datasheet(PDF) 1 Page - Rohm

Part # TDZ30
Description  Constant voltage control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TDZ30 Datasheet(HTML) 1 Page - Rohm

  TDZ30 Datasheet HTML 1Page - Rohm TDZ30 Datasheet HTML 2Page - Rohm TDZ30 Datasheet HTML 3Page - Rohm TDZ30 Datasheet HTML 4Page - Rohm TDZ30 Datasheet HTML 5Page - Rohm TDZ30 Datasheet HTML 6Page - Rohm TDZ30 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Zener Diode
TDZ series
lApplication
lDimensions
(Unit : mm)
lLand size figure
(Unit : mm)
Constant voltage control
lFeatures
1) Small mold type. (TUMD2)
2) High reliability.
3) Can be mounted automatically,
using chip mounter.
lStructure
lConstruction
Silicon epitaxial planar
lTaping specifications
(Unit : mm)
lAbsolute maximum ratings
(Ta = 25°C)
Power dissipation
P
mW
Junction temperature
Tj
°C
Storage temperature
Tstg
°C
Operating resistance
Topr
°C
Unit
500
150
-
55 to +150
Parameter
Symbol
Limits
-
55 to +150
TUMD2
Anode
Cathode
dot (year week factory) + day
ROHM : TUMD2
EX. TDZ5.1B
1.3±0.05
0.8±0.05
0.6±0.2
    0.1
0.17±0.1
  
0.05
1.1
4.0±0.1
2.0±0.05
φ 1.55±0.1
      0
1.43±0.05
4.0±0.1
φ 1.0±0.2
     0
0.25±0.05
0.9±0.08
1.55  0.1
0
1.0  0.2
0
1/6
2013.11 - Rev.D


Similar Part No. - TDZ30

ManufacturerPart #DatasheetDescription
logo
Rohm
TDZ30 ROHM-TDZ30 Datasheet
173Kb / 5P
   Zener diode
TDZ30 ROHM-TDZ30 Datasheet
143Kb / 5P
   Zener diode
TDZ30 ROHM-TDZ30 Datasheet
160Kb / 5P
   Zener diode
TDZ30 ROHM-TDZ30 Datasheet
142Kb / 5P
   Zener diode
TDZ30 ROHM-TDZ30 Datasheet
140Kb / 5P
   Zener diode
More results

Similar Description - TDZ30

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZSTE-176.8B ROHM-UDZSTE-176.8B Datasheet
159Kb / 5P
   Constant voltage control
TDZTR27 ROHM-TDZTR27 Datasheet
356Kb / 7P
   Constant voltage control
UDZSTE-178.2B ROHM-UDZSTE-178.2B Datasheet
158Kb / 5P
   Constant voltage control
UDZSTE-1710B ROHM-UDZSTE-1710B Datasheet
158Kb / 5P
   Constant voltage control
UDZSTE-1715B ROHM-UDZSTE-1715B Datasheet
159Kb / 5P
   Constant voltage control
TDZTR30 ROHM-TDZTR30 Datasheet
358Kb / 7P
   Constant voltage control
GDZT2R5.6 ROHM-GDZT2R5.6 Datasheet
117Kb / 5P
   Constant voltage control
MTZJT7724B ROHM-MTZJT7724B Datasheet
54Kb / 4P
   Constant voltage control
UDZSTE-1711B ROHM-UDZSTE-1711B Datasheet
159Kb / 5P
   Constant voltage control
EDZTE6112B ROHM-EDZTE6112B Datasheet
480Kb / 5P
   Constant voltage control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com