Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7612U2K5G4 Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC7612U2K5G4
Description  Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7612U2K5G4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC7612U2K5G4 Datasheet HTML 7Page - Texas Instruments DAC7612U2K5G4 Datasheet HTML 8Page - Texas Instruments DAC7612U2K5G4 Datasheet HTML 9Page - Texas Instruments DAC7612U2K5G4 Datasheet HTML 10Page - Texas Instruments DAC7612U2K5G4 Datasheet HTML 11Page - Texas Instruments DAC7612U2K5G4 Datasheet HTML 12Page - Texas Instruments DAC7612U2K5G4 Datasheet HTML 13Page - Texas Instruments DAC7612U2K5G4 Datasheet HTML 14Page - Texas Instruments DAC7612U2K5G4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
®
DAC7612
noise, and a set gain of 1.682V/V (4.095/2.435). See Figure
2 for an equivalent circuit schematic of the analog portion of
the DAC7612.
The output amplifier has a 7
µs typical settling time to ±1
LSB of the final value. Note that there are differences in the
settling time for negative-going signals versus positive-
going signals.
The rail-to-rail output stage of the amplifier provides the full-
scale range of 0V to 4.095V while operating on a supply voltage
as low as 4.75V. In addition to its ability to drive resistive loads,
the amplifier will remain stable while driving capacitive loads
of up to 500pF. See Figure 3 for an equivalent circuit schematic
of the amplifier’s output driver and the Typical Performance
Curves section for more information regarding settling time,
load driving capability, and output noise.
POWER SUPPLY
A BiCMOS process and careful design of the bipolar and
CMOS sections of the DAC7612 result in a very low power
device. Bipolar transistors are used where tight matching
and low noise are needed to achieve analog accuracy, and
CMOS transistors are used for logic, switching functions
and for other low power stages.
If power consumption is critical, it is important to keep the
logic levels on the digital inputs (SDI, CLK, CS,
LOADDACS) as close as possible to either VDD or ground.
This will keep the CMOS inputs (see “Supply Current vs
Logic Input Voltages” in the Typical Performance Curves)
from shunting current between VDD and ground.
The DAC7612 power supply should be bypassed as shown
in Figure 1. The bypass capacitors should be placed as close
to the device as possible, with the 0.1
µF capacitor taking
priority in this regard. The “Power Supply Rejection vs
Frequency” graph in the Typical Performance Curves sec-
tion shows the PSRR performance of the DAC7612. This
should be taken into account when using switching power
supplies or DC/DC converters.
In addition to offering guaranteed performance with VDD in
the 4.75V to 5.25V range, the DAC7612 will operate with
reduced performance down to 4.5V. Operation between
4.5V and 4.75V will result in longer settling time, reduced
performance, and current sourcing capability. Consult the
“VDD vs Load Current” graph in the Typical Performance
Curves section for more information.
FIGURE 2. Simplified Schematic of Analog Portion.
FIGURE 3. Simplified Driver Section of Output Amplifier.
N-Channel
P-Channel
V
DD
V
OUT
GND
2R
2R
2R
R
2R
2R
R
R
1
R
R
2
Output Amplifier
R-2R DAC
Bandgap
Reference
2.435V
Typical of DAC A or DAC B
Buffer


Similar Part No. - DAC7612U2K5G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7612U2K5 TI1-DAC7612U2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7612U2K5G4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7612 BURR-BROWN-DAC7612 Datasheet
126Kb / 12P
   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7612U2K5 TI1-DAC7612U2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com