Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S216S01 Datasheet(PDF) 10 Page - Sharp Corporation

Part # S216S01
Description  Triac output SSR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S216S01 Datasheet(HTML) 10 Page - Sharp Corporation

Back Button S216S01 Datasheet HTML 5Page - Sharp Corporation S216S01 Datasheet HTML 6Page - Sharp Corporation S216S01 Datasheet HTML 7Page - Sharp Corporation S216S01 Datasheet HTML 8Page - Sharp Corporation S216S01 Datasheet HTML 9Page - Sharp Corporation S216S01 Datasheet HTML 10Page - Sharp Corporation S216S01 Datasheet HTML 11Page - Sharp Corporation S216S01 Datasheet HTML 12Page - Sharp Corporation S216S01 Datasheet HTML 13Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
■ Manufacturing Guidelines
● Soldering Method
Flow Soldering (No solder bathing)
Flow soldering should be completed below 260˚C and within 10s.
Preheating is within the bounds of 100 to 150˚C and 30 to 80s.
Please solder within one time.
Other notices
Please test the soldering method in actual condition and make sure the soldering works fine, since the impact
on the junction between the device and PCB varies depending on the tooling and soldering conditions.
10
S116S01 Series
S216S01 Series
Sheet No.: D4-A02601EN


Similar Part No. - S216S01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S216S01 SHARP-S216S01 Datasheet
69Kb / 5P
   SIP Type SSR for Medium Power Control
S216S01 SHARP-S216S01 Datasheet
241Kb / 13P
   SIP 4pin Triac output SSR
More results

Similar Description - S216S01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S212S01F SHARP-S212S01F Datasheet
241Kb / 13P
   SIP 4pin Triac output SSR
PR29MF21NSZ SHARP-PR29MF21NSZ_04 Datasheet
318Kb / 15P
   Zero Cross type DIP 8pin Triac output SSR
PR33MF51NSZF SHARP-PR33MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR23MF11NSZ SHARP-PR23MF11NSZ Datasheet
259Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR29MF11NSZF SHARP-PR29MF11NSZF Datasheet
330Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF51NSZF SHARP-PR36MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR3BMF51NSKF SHARP-PR3BMF51NSKF Datasheet
264Kb / 14P
   1.2A, Non-Zero Cross type DIP 8pin Triac output SSR
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
   IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
S201S06F SHARP-S201S06F Datasheet
244Kb / 13P
   IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S216SE2 SHARP-S216SE2 Datasheet
249Kb / 14P
   Reinforced Insulation Type Zero Cross type SIP 4pin Triac output SSR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com