Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P14RG-2405E41LF Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part # P14RG-2405E41LF
Description  PMBW-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P14RG-2405E41LF Datasheet(HTML) 3 Page - PEAK electronics GmbH

  P14RG-2405E41LF Datasheet HTML 1Page - PEAK electronics GmbH P14RG-2405E41LF Datasheet HTML 2Page - PEAK electronics GmbH P14RG-2405E41LF Datasheet HTML 3Page - PEAK electronics GmbH P14RG-2405E41LF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PMBW-Series – P14RG-xxxxE/Z4:1LF – Single / Dual Output – SIP9 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 3/4
Package / Pinning / Derating
# SINGLE
DUAL
1 - Vin
- Vin
2 +Vin
+Vin
3 Ctrl.
Ctrl.
6 +Vout
+Vout
7 N.C.
Common
8 N.C.
N.C.
9 - Vout
- Vout
PIN CONNECTIONS
App Notes:
1 = Measured Input reflected ripple current with a simulated source inductance of 12uH
2 = Tested by nominal Vin and constant resistive load.
3 = Test by normal Vin and 100%-25% load,25% Ioad step change; If Vout is 3.3V then the Transient Response Deviation is ±5%.
4 = Input filter components are required to help meet conducted emission class A
5 = An external filter capacitor is required to meet EN61000-4-4 and EN61000-4-5. (e.g. Nippon-chemi-con KY series, 220uF/100V)
EMC SPECIFICATIONS
Conducted
Emissions
4
EN 55022
CLASS A
Radiated
Emissions
EN 55022
CLASS A
ESD
IEC 61000-4-2
Perf. Criteria B
RS
IEC 61000-4-3
Perf. Criteria A
EFT
5
IEC 61000-4-4
Perf. Criteria B
Surge
5
IEC 61000-4-5
Perf. Criteria B
CS
IEC 61000-4-6
Perf. Criteria A
PFMF
IEC 61000-4-8
Perf. Criteria A
Remote ON/OFF
The MCU Pin Voltage is referenced to –Vin (Pin1)
ON:
0 – 0.6 VDC or open circuit
OFF:
2.7 - 15 VDC
OFF stand by input current: 5mA, max.


Similar Part No. - P14RG-2405E41LF

ManufacturerPart #DatasheetDescription
logo
Semikron International
P14 SEMIKRON-P14 Datasheet
293Kb / 3P
   For isolated power modules
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P14 FERROXCUBE-P14 Datasheet
39Kb / 3P
   P cores and accessories
logo
Schneider Electric
P14 SCHNEIDER-P14 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
PANDUIT CORP.
P14-10F PANDUIT-P14-10F Datasheet
60Kb / 1P
   16-14 BARREL NON-INSULATED FORK
More results

Similar Description - P14RG-2405E41LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10RG PEAK-P10RG_14 Datasheet
155Kb / 4P
   PMBW-SERIES
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com