Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P14GG-243R3ELF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P14GG-243R3ELF
Description  PMF-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P14GG-243R3ELF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P14GG-243R3ELF Datasheet HTML 1Page - PEAK electronics GmbH P14GG-243R3ELF Datasheet HTML 2Page - PEAK electronics GmbH P14GG-243R3ELF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PMF-Series – P14GG-xxxxE(Hxx)LF – Single Output – SIP12 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/3
Selection Guide
Single Output
Order #
Inp
ut V
olta
ge
(VD
C)
Inp
ut C
urre
nt N
o L
oad
(mA
)
Inp
ut C
urre
nt F
ull L
oad
(mA
)
Out
put
Vol
tag
e (V
DC
)
Out
put
Cur
ren
t Fu
ll Lo
ad
(mA
)
Effi
cien
cy (
%)
Cap
acit
or L
oad
(uF
SINGLE OUTPUT
P14GG-053R3ELF
5
100
748
3.3
600
53
470
P14GG-0505ELF
5
100
968
5
600
62
470
P14GG-057R2ELF
5
100
938
7.2
416
64
470
P14GG-0509ELF
5
100
896
9
333
67
470
P14GG-0512ELF
5
100
858
12
250
70
470
P14GG-0515ELF
5
100
883
15
200
68
470
P14GG-0518ELF
5
120
938
18
166
64
470
P14GG-0524ELF
5
120
938
24
125
64
470
P14GG-123R3ELF
12
60
300
3.3
600
55
470
P14GG-1205ELF
12
60
417
5
600
60
470
P14GG-127R2ELF
12
60
397
7.2
416
63
470
P14GG-1209ELF
12
60
374
9
333
67
470
P14GG-1212ELF
12
60
363
12
250
69
470
P14GG-1215ELF
12
60
358
15
200
70
470
P14GG-1218ELF
12
60
391
18
166
64
470
P14GG-1224ELF
12
60
368
24
125
68
470
P14GG-243R3ELF
24
30
153
3.3
600
54
470
P14GG-2405ELF
24
30
205
5
600
61
470
P14GG-247R2ELF
24
30
198
7.2
416
63
470
P14GG-2409ELF
24
30
193
9
333
65
470
P14GG-2412ELF
24
30
179
12
250
70
470
P14GG-2415ELF
24
30
176
15
200
71
470
P14GG-2418ELF
24
30
181
18
166
69
470
P14GG-2424ELF
24
30
176
24
125
71
470
If you need other specifications, please enquire.
*OPTIONS:
H30 = 3000 VDC ISOLATION
H52 = 5200 VDC ISOLATION
For other I/O Isolation please see
table on the left hand side and add
“Hxx” before LF
(P14GG-2412EH52LF for 5.2kV)
Notes:


Similar Part No. - P14GG-243R3ELF

ManufacturerPart #DatasheetDescription
logo
Semikron International
P14 SEMIKRON-P14 Datasheet
293Kb / 3P
   For isolated power modules
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P14 FERROXCUBE-P14 Datasheet
39Kb / 3P
   P cores and accessories
logo
Schneider Electric
P14 SCHNEIDER-P14 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
PANDUIT CORP.
P14-10F PANDUIT-P14-10F Datasheet
60Kb / 1P
   16-14 BARREL NON-INSULATED FORK
More results

Similar Description - P14GG-243R3ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P8GG PEAK-P8GG_14 Datasheet
137Kb / 3P
   PMF-SERIES
P10GG PEAK-P10GG_14 Datasheet
136Kb / 3P
   PMF-SERIES
logo
Delta Electronics, Inc.
PMF-24V320WCXX DELTA-PMF-24V320WCXX Datasheet
1Mb / 15P
   PMF Panel Mount Power Supply
PMF-5V320WCXX DELTA-PMF-5V320WCXX Datasheet
1Mb / 13P
   PMF Panel Mount Power Supply
PMF-4V320WCXX DELTA-PMF-4V320WCXX Datasheet
1Mb / 13P
   PMF Panel Mount Power Supply
PMF-24V200WCXX DELTA-PMF-24V200WCXX Datasheet
1Mb / 14P
   PMF Panel Mount Power Supply
logo
RFE international
PMT103J2G RFE-PMT103J2G Datasheet
83Kb / 1P
   METALIZED POLYPROPYLENE FILM CAPACITORS PMT & PMF Series: Axial Leaded, Flat & Tubular
PMT RFE-PMT Datasheet
136Kb / 1P
   METALIZED POLYPROPYLENE FILM CAPACITORS PMT & PMF Series: Axial Leaded, Flat & Tubular
REV 2010.10.13
logo
Agere Systems
D2525P AGERE-D2525P Datasheet
261Kb / 10P
   Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
logo
JDS Uniphase Corporatio...
21010278 JDSU-21010278 Datasheet
169Kb / 4P
   10Gb/s, data modulator with attenuator, PMF in & SMF out, FC/SPC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com