Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P42WG-243R3E21LF Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part # P42WG-243R3E21LF
Description  PM7-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P42WG-243R3E21LF Datasheet(HTML) 3 Page - PEAK electronics GmbH

  P42WG-243R3E21LF Datasheet HTML 1Page - PEAK electronics GmbH P42WG-243R3E21LF Datasheet HTML 2Page - PEAK electronics GmbH P42WG-243R3E21LF Datasheet HTML 3Page - PEAK electronics GmbH P42WG-243R3E21LF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PM7-Series – P42WG-xxxxE/Z2:1(H35)LF – Single and Dual Output – 2”x1” - Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 3/4
Selection Guide
Dual Output
Order #
Inpu
t Vo
ltag
e (V
DC)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Vol
tage
(VD
C)
Out
put
Cur
rent
Min
. Lo
ad (
mA
)
Out
put
Cur
rent
Full
Loa
d (m
A)
Effic
ienc
y (%
)
Cap
acit
or L
oad
(uF
DUAL OUTPUT
P42WG-123R3Z2:1LF
9-18
30
1068
± 3.3
± 100
± 1000
78
± 1000
P42WG-1205Z2:1LF
9-18
30
1016
± 5
± 100
± 1000
82
± 1000
P42WG-127R2Z2:1LF
9-18
30
1004
± 7.2
± 69
± 694
83
± 680
P42WG-1209Z2:1LF
9-18
30
992
± 9
± 55
± 555
84
± 470
P42WG-1212Z2:1LF
9-18
30
992
± 12
± 41
± 416
84
± 470
P42WG-1215Z2:1LF
9-18
30
980
± 15
± 33
± 333
85
± 330
P42WG-1218Z2:1LF
9-18
30
980
± 18
± 27
± 277
85
± 220
P42WG-1224Z2:1LF
9-18
30
980
± 24
± 20
± 208
85
± 220
P42WG-243R3Z2:1LF
18-36
25
352
± 3.3
± 100
± 1000
78
± 1000
P42WG-2405Z2:1LF
18-36
25
508
± 5
± 100
± 1000
82
± 1000
P42WG-247R2Z2:1LF
18-36
25
502
± 7.2
± 69
± 694
83
± 680
P42WG-2409Z2:1LF
18-36
25
502
± 9
± 55
± 555
83
± 470
P42WG-2412Z2:1LF
18-36
25
496
± 12
± 41
± 416
84
± 470
P42WG-2415Z2:1LF
18-36
25
496
± 15
± 33
± 333
84
± 330
P42WG-2418Z2:1LF
18-36
25
490
± 18
± 27
± 277
85
± 220
P42WG-2424Z2:1LF
18-36
25
490
± 24
± 20
± 208
85
± 220
P42WG-483R3Z2:1LF
36-72
20
176
± 3.3
± 100
± 1000
78
± 1000
P42WG-4805Z2:1LF
36-72
20
254
± 5
± 100
± 1000
82
± 1000
P42WG-487R2Z2:1LF
36-72
20
248
± 7.2
± 69
± 694
84
± 680
P42WG-4809Z2:1LF
36-72
20
248
± 9
± 55
± 555
84
± 470
P42WG-4812Z2:1LF
36-72
20
245
± 12
± 41
± 416
85
± 470
P42WG-4815Z2:1LF
36-72
20
245
± 15
± 33
± 333
85
± 330
P42WG-4818Z2:1LF
36-72
20
242
± 18
± 27
± 277
86
± 220
P42WG-4824Z2:1LF
36-72
20
242
± 24
± 20
± 208
86
± 220
If you need other specifications, please enquire.
* For optional 3.5kV DC I/O Isolation, please add “H35” before LF!
Example: P42WG-2409Z2:1H35LF for 3.5kV
Notes:


Similar Part No. - P42WG-243R3E21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P42WG-243R3E41LF PEAK-P42WG-243R3E41LF Datasheet
360Kb / 4P
   Continuous Short Circuit Prot
More results

Similar Description - P42WG-243R3E21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P47WG PEAK-P47WG_14 Datasheet
163Kb / 4P
   PM7-SERIES
P44WG PEAK-P44WG_14 Datasheet
163Kb / 4P
   PM7-SERIES
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com