Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P30WG-480515D41LF Datasheet(PDF) 4 Page - PEAK electronics GmbH

Part # P30WG-480515D41LF
Description  PMTW-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P30WG-480515D41LF Datasheet(HTML) 4 Page - PEAK electronics GmbH

  P30WG-480515D41LF Datasheet HTML 1Page - PEAK electronics GmbH P30WG-480515D41LF Datasheet HTML 2Page - PEAK electronics GmbH P30WG-480515D41LF Datasheet HTML 3Page - PEAK electronics GmbH P30WG-480515D41LF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PMTW-Series – P30WG-xxxxE/Z/D 4:1LF – Single, Dual and Triple Output – 2”x1” - Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 4/4
App Notes
1 = Measured Input reflected ripple current with a simulated source inductance of 12uH.
2 = Tested by minimal Vin and constant resistive load.
3 = Dual: One load is 25% to 100% load, the other load is 100% load, the output voltage variable rate is within ±5%.
Triple: Main output 100% load, auxiliary 100%, other auxiliary 25% to 100%.
Auxiliary outputs ( + Aux and - Aux ) : main output 100% load, auxiliary 100%, other auxiliary 25% to 100%
or main output 25%, auxiliary 25%, other auxiliary 25% to100%.
4 = Tested by nominal Vin and 25% load step change (75% - 50% - 25% of Io)
5 = The PMTW series can meet EN55022 Class A With an external filter in parallel with the input pins.
6 = An external filter capacitor is required if the module has to meet EN61000-4-4 and EN61000-4-5
7 = The remote on/off control pin is referenced to –Vin (Pin2).
EMI Filter:
Input filter components (C1, C3, L) are used to help meet conducted emissions requirement. These
components should be mounted as close as possible to the module; all leads should be minimized to
decrease radiated noise.
EMC SPECIFICATIONS
Radiated
Emissions
EN 55022
CLASS A
Conducted
Emissions
5
EN 55022
CLASS A
ESD
EN 61000-4-2
Perf. Criteria A
RS
EN 61000-4-3
Perf. Criteria A
EFT
6
EN 61000-4-4
Perf. Criteria A
Surge
6
EN 61000-4-5
Perf. Criteria A
CS
EN 61000-4-6
Perf. Criteria A
PFMF
EN 61000-4-8
Perf. Criteria A
Over Voltage Protection (Zender diode clamp)
3.3 Vout:
3.9 V
5 Vout
6.2 V
5.1 Vout
6.2 V
12 Vout
15 V
15 Vout
18 V
± 5 Vout
± 6.2 V
± 12 Vout
± 15 V
± 15 Vout
± 18 V
Under Input Voltage Lockout (typ.)
24 Vin Models
Module ON/OFF 8.6V / 7.9V
48 Vin Models
Module ON/OFF 17.8V / 16V
Remote ON/OFF Control
7
ON:
3 -12 VDC or open circuit
OFF:
0 – 1.2 VDC or short circuit
PIN2 and PIN3
OFF idle current:
5mA, typ.
6
5
6
4
Rtrim-up
Rtrim-down
External Output Trimming
Output can be externally trimmed.
(Single output models only!)
C1: 100uF, 100V
L: 12uH
C3: 1206, 470PF, 2kV
C1: 100uF, 100V
L: 12uH
C3: 1206, 470PF, 2kV
Single&Dual Models
Triple Models


Similar Part No. - P30WG-480515D41LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P30WG-4805E2:1LF PEAK-P30WG-4805E2:1LF Datasheet
168Kb / 4P
   2:1 Wide Input
P30WG-4805Z2:1LF PEAK-P30WG-4805Z2:1LF Datasheet
168Kb / 4P
   2:1 Wide Input
More results

Similar Description - P30WG-480515D41LF

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com