Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P48WG Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part # P48WG
Description  P48WG_14
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P48WG Datasheet(HTML) 3 Page - PEAK electronics GmbH

  P48WG_14 Datasheet HTML 1Page - PEAK electronics GmbH P48WG_14 Datasheet HTML 2Page - PEAK electronics GmbH P48WG_14 Datasheet HTML 3Page - PEAK electronics GmbH P48WG_14 Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PM8-Series – P48WG-xxxxE/Z2:1LF – Single and Dual Output – 2”x1” - Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 3/4
Package / Pinning / Derating
PE
AK
Modelcode
Datecode
10.16
(0.40)
5.08
(0.20)
min.
Bottom View
3
5
4
10.16
(0.40)
1
2
10.16
(0.40)
5.08
(0.20)
10.16
(0.40)
10.16
(0.40)
2.54
(0.10)
2.54
(0.10)
25.40
(1.00)
Vin:
Vout:
Iout:
Vin
-Vout
COM
(if Dual)
+Vout
-
+
DIA.
1.00
(0.04)
All dimensions are typical in millimeters (inches).
- Pin diameter: 1.0 +/-0.05 (0.04 +/-0.002)
- Pin pitch tolerance: +/-0.35 (+/-0.014)
- Case tolerance +/-0.5 (+/-0.02)
Specification may change without notice.
2" x 1" – METAL CASE
6
#
SINGLE
DUAL
1 +Vin
+Vin
2 - Vin
- Vin
3 +Vout
+Vout
4 Trim
Common
5 - Vout
- Vout
6 Ctrl.
Ctrl.
PIN CONNECTIONS


Similar Part No. - P48WG_14

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P48WG-2405E41LF PEAK-P48WG-2405E41LF Datasheet
101Kb / 4P
   Single and Dual Output
P48WG-2405Z41LF PEAK-P48WG-2405Z41LF Datasheet
101Kb / 4P
   Single and Dual Output
P48WG-2412E41LF PEAK-P48WG-2412E41LF Datasheet
101Kb / 4P
   Single and Dual Output
P48WG-2412Z41LF PEAK-P48WG-2412Z41LF Datasheet
101Kb / 4P
   Single and Dual Output
P48WG-2415E41LF PEAK-P48WG-2415E41LF Datasheet
101Kb / 4P
   Single and Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com