Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P44TG-4805E21MLF Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P44TG-4805E21MLF
Description  PMU-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P44TG-4805E21MLF Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P44TG-4805E21MLF Datasheet HTML 1Page - PEAK electronics GmbH P44TG-4805E21MLF Datasheet HTML 2Page - PEAK electronics GmbH P44TG-4805E21MLF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PMU-Series – P44TG-xxxxE/Z2:1LF – Single and Dual Output – DIP24 - Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 1/3
P44TG-xxxxE/Z2:1MLF
All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified
Input Specifications
Voltage Range
2:1 Wide Input
Input Filter
Pi Type
Input Reflected Ripple Current
20 mA pk-pk
Output Specifications
Voltage Accuracy
± 1.2%
Short Circuit Protection
Indefinite (hiccup / automatic recovery)
Over Current Protection
150% of FL, typ.
Line Regulation
± 0.5%, max.
Load Regulation (0% - 100%)
± 0.5%, max. (Single) / ± 1%, max. (Dual)
Cross Regulation (Dual Output)
± 5%
Ripple and Noise (20Mhz bandwidth)
85 mV pk-pk
Temperature Coefficient
± 0.02% / °C
Transient Recovery Time¹
250us, typ.
Transient Response Deviation¹
± 3%, max.
General Specifications
I/O Isolation Voltage (3 sec.)
1500 VDC
I/O Isolation Capacity
1200 pF, typ.
I/O Isolation Resistance
1000 M Ohm
Switching Frequency (typical)
330 kHz, typ.
Humidity
95% rel H
Reliability Calculated MTBF (MIL-HDBK-217F)
> 1 Mhrs
Physical Specifications
Case Material
Nickel Coated Copper
Potting Material
Epoxy (UL94V-0 rated)
Weight
~ 18.0g, typ.
Environment Specifications
Operating Temperature
-40 to +60°C (ambient)
Maximum Case Temperature
100°C
Storage Temperature
-40 to +125°C
Cooling
Free Air Convection
RoHS Conform
Soldering 260°C, max. (1.5mm from case 10s.)
Mainzer Straße 151–153
D-55299 Nackenheim
Tel. +49 6135 7026-0
Fax: +49 6135 931070
www.peak-electronics.de
peak@peak-electronics.de
The PMU series are cost effective 12 W single & dual output DC/DC
converters. These converters are encapsulated in nickel-coated copper
DIP24 case with high performance features: Synchronous rectification, high
efficiency and tight line / load regulation.
PMU-SERIES
12 Watt
Regulated
DIP24 Metal Case
1.5 kV DC I/O Isolation
Single and Dual Output
Continuous Short Circuit Prot.
Remote On / Off
Rev.11-2008


Similar Part No. - P44TG-4805E21MLF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P44TG-4805Z41LF PEAK-P44TG-4805Z41LF Datasheet
155Kb / 4P
   Continuous Short Circuit Prot
More results

Similar Description - P44TG-4805E21MLF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
TPS659121 TI1-TPS659121_16 Datasheet
3Mb / 145P
[Old version datasheet]   PMU for Processor Power
TPS659121 TI1-TPS659121 Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
logo
Monolithic Power System...
MP5414 MPS-MP5414 Datasheet
687Kb / 22P
   PMU for 3D Glasses
logo
Texas Instruments
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659037 TI1-TPS659037 Datasheet
1Mb / 96P
[Old version datasheet]   Power Management Unit (PMU)
TPS65720 TI-TPS65720 Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
logo
Shenzhen Huazhimei Semi...
HM5801 HMSEMI-HM5801 Datasheet
2Mb / 19P
   PMU for Portable Applications
logo
Active-Semi, Inc
EA8945AQJ405 ACTIVE-SEMI-EA8945AQJ405 Datasheet
1Mb / 44P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
ACT8865 ACTIVE-SEMI-ACT8865_16 Datasheet
824Kb / 31P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com