Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P48WG-1215E21LF Datasheet(PDF) 4 Page - PEAK electronics GmbH

Part # P48WG-1215E21LF
Description  P48WG_14
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P48WG-1215E21LF Datasheet(HTML) 4 Page - PEAK electronics GmbH

  P48WG-1215E21LF Datasheet HTML 1Page - PEAK electronics GmbH P48WG-1215E21LF Datasheet HTML 2Page - PEAK electronics GmbH P48WG-1215E21LF Datasheet HTML 3Page - PEAK electronics GmbH P48WG-1215E21LF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PM8-Series – P48WG-xxxxE/Z2:1LF – Single and Dual Output – 2”x1” - Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 4/4
App Notes
1 = Measured Input reflected ripple current with a simulated source inductance of 12uH.
2 = Tested by minimal Vin and constant resistive load.
3 = One load is 25% to 100% load, the other load is 100% load, the output voltage variable rate is within ±5%.
4 = Tested by nominal Vin and 25% load step change (75% - 50% - 25% of Io)
5 = Input filter components (C1, L)are used to helpmeet conducted emissions requirent for the module. These components
should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise.
6 = An external filter capacitor is required if the module has to meet EN61000-4-4 and EN61000-4-5
- Input filter components (C1, C2, L) are used to help meet conducted emissions requirement for the module. These
components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated
noise.
Part #
C1
L
P48WG-12xx
330uF/100V
12uH
P48WG-24xx
220uF/100V
12uH
P48WG-48xx
220uF/100V
12uH
EMC SPECIFICATIONS
Radiated
Emissions
EN 55022
CLASS A
Conducted
Emissions
5
EN 55022
CLASS A
ESD
EN 61000-4-2
Perf. Criteria B
RS
EN 61000-4-3
Perf. Criteria A
EFT
6
EN 61000-4-4
Perf. Criteria B
Surge
6
EN 61000-4-5
Perf. Criteria B
CS
EN 61000-4-6
Perf. Criteria A
PFMF
EN 61000-4-8
Perf. Criteria A
Over Voltage Protection (Zender diode clamp)
3.3 Vout:
3.9 V
5 Vout
6.2 V
12 Vout
15 V
15 Vout
18 V
± 12 Vout
± 15 V
± 15 Vout
± 18 V
Under Voltage Lockout (typ.)
12 Vin Models
Module ON/OFF 8.6V / 7.9V
24 Vin Models
Module ON/OFF 17.8V / 16V
48 Vin Models
Module ON/OFF 33.5V / 30.5V
Remote ON/OFF Control
ON:
3 -12 VDC or open circuit
OFF:
0 – 1.2 VDC or Short circuit
PIN2 and PIN6
OFF idle current:
5mA, typ.
Notes:
4
5
3
4
Rtrim-up
Rtrim-down
External Output Trimming
Output can be externally trimmed.
(Single output models only!)


Similar Part No. - P48WG-1215E21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P48WG-2405E41LF PEAK-P48WG-2405E41LF Datasheet
101Kb / 4P
   Single and Dual Output
P48WG-2405Z41LF PEAK-P48WG-2405Z41LF Datasheet
101Kb / 4P
   Single and Dual Output
P48WG-2412E41LF PEAK-P48WG-2412E41LF Datasheet
101Kb / 4P
   Single and Dual Output
P48WG-2412Z41LF PEAK-P48WG-2412Z41LF Datasheet
101Kb / 4P
   Single and Dual Output
P48WG-2415E41LF PEAK-P48WG-2415E41LF Datasheet
101Kb / 4P
   Single and Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com