Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PECO1 Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part # PECO1
Description  PECO-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PECO1 Datasheet(HTML) 3 Page - PEAK electronics GmbH

  PECO1_14 Datasheet HTML 1Page - PEAK electronics GmbH PECO1_14 Datasheet HTML 2Page - PEAK electronics GmbH PECO1_14 Datasheet HTML 3Page - PEAK electronics GmbH PECO1_14 Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PECO-Series – PECO1-x-xxxxE/Z2:1(H35)(M)LF – Single/Dual Output – DIP24 – Plastic/Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 3/4
Selection Guide
Dual Output
Order #
Inpu
t Vo
ltag
e (V
DC
)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Volt
age
(VD
C)
Out
put
Cur
ren
t Mi
n. L
oad
(mA
)
Out
put
Cur
ren
t Fu
ll Lo
ad (
mA
)
Effic
ienc
y (%
)
Cap
acit
or L
oad
(uF
DUAL OUTPUT - standard (1.5kV, plastic case)
PECO1-x-0505Z2:1LF
4.5-9
40
461
± 5
± 37.5
± 150
65
± 1000
PECO1-x-0509Z2:1LF
4.5-9
40
447
± 9
± 20.8
± 83.3
67
± 220
PECO1-x-0512Z2:1LF
4.5-9
40
428
± 12
± 15.6
± 62.5
70
± 220
PECO1-x-0515Z2:1LF
4.5-9
40
447
± 15
± 12.5
± 50
67
± 220
PECO1-x-0524Z2:1LF
4.5-9
40
454
± 24
± 7.7
± 31
66
± 100
PECO1-x-1205Z2:1LF
9-18
20
169
± 5
± 37.5
± 150
74
± 1000
PECO1-x-1209Z2:1LF
9-18
20
164
± 9
± 20.8
± 83.3
76
± 220
PECO1-x-1212Z2:1LF
9-18
20
166
± 12
± 15.6
± 62.5
75
± 220
PECO1-x-1215Z2:1LF
9-18
20
160
± 15
± 12.5
± 50
78
± 220
PECO1-x-1224Z2:1LF
9-18
20
160
± 24
± 7.7
± 31
78
± 100
PECO1-x-2405Z2:1LF
18-36
12
83
± 5
± 37.5
± 150
75
± 1000
PECO1-x-2409Z2:1LF
18-36
12
82
± 9
± 20.8
± 83.3
76
± 220
PECO1-x-2412Z2:1LF
18-36
12
81
± 12
± 15.6
± 62.5
77
± 220
PECO1-x-2415Z2:1LF
18-36
12
80
± 15
± 12.5
± 50
78
± 220
PECO1-x-2424Z2:1LF
18-36
12
80
± 24
± 7.7
± 31
78
± 100
PECO1-x-4805Z2:1LF
36-72
8
42
± 5
± 37.5
± 150
74
± 1000
PECO1-x-4809Z2:1LF
36-72
8
42
± 9
± 20.8
± 83.3
75
± 220
PECO1-x-4812Z2:1LF
36-72
8
40.5
± 12
± 15.6
± 62.5
77
± 220
PECO1-x-4815Z2:1LF
36-72
8
40
± 15
± 12.5
± 50
78
± 220
PECO1-x-4824Z2:1LF
36-72
8
40
± 24
± 7.7
± 31
78
± 100
If you need other specifications, please enquire.
*OPTIONS:
PINNING “A” / “B” / “C”
Please see table on page 3 and choose
your pinning.
(PECO1-A-2412Z2:1LF for Pinning “A”)
3.5 kV I/O Isolation
For optional 3.5kV DC I/O Isolation,
please add “H35” before (M)LF!
(PECO1-A-2412Z2:1H35LF)
Metal case
For optional Metal case, please add “M”
before LF!
(PECO1-A-2412Z2:1H35MLF)


Similar Part No. - PECO1_14

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PECO2-x-0505E21LF PEAK-PECO2-x-0505E21LF Datasheet
149Kb / 4P
   PECO-SERIES
PECO2-x-0505Z21LF PEAK-PECO2-x-0505Z21LF Datasheet
149Kb / 4P
   PECO-SERIES
PECO2-x-0509E21LF PEAK-PECO2-x-0509E21LF Datasheet
149Kb / 4P
   PECO-SERIES
PECO2-x-0509Z21LF PEAK-PECO2-x-0509Z21LF Datasheet
149Kb / 4P
   PECO-SERIES
PECO2-x-0512E21LF PEAK-PECO2-x-0512E21LF Datasheet
149Kb / 4P
   PECO-SERIES
More results

Similar Description - PECO1_14

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PECO3 PEAK-PECO3_14 Datasheet
149Kb / 4P
   PECO-SERIES
PECO6 PEAK-PECO6_14 Datasheet
146Kb / 3P
   PECO-SERIES
PECO4 PEAK-PECO4_14 Datasheet
146Kb / 3P
   PECO-SERIES
PECO2 PEAK-PECO2_14 Datasheet
149Kb / 4P
   PECO-SERIES
PECO5 PEAK-PECO5_14 Datasheet
145Kb / 3P
   PECO-SERIES
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com