Electronic Components Datasheet Search |
|
PECO1 Datasheet(PDF) 1 Page - PEAK electronics GmbH |
|
PECO1 Datasheet(HTML) 1 Page - PEAK electronics GmbH |
1 / 4 page PECO-Series – PECO1-x-xxxxE/Z2:1(H35)(M)LF – Single/Dual Output – DIP24 – Plastic/Metal Case Specification can change without a notice – We accept no liability for any inaccuracy or printing errors. Page 1/4 PECO1-x-xxxxE/Z2:1(H35)(M)LF All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified Input Specifications Voltage Range 2:1 Wide Input Input Filter Pi Type Input Reflected Ripple Current¹ 35 mA pk-pk Output Specifications Voltage Accuracy ± 1% Short Circuit Protection Continuous (automatic recovery) Line Regulation ± 0.5% Load Regulation ± 0.5% Ripple and Noise (20Mhz bandwidth) 60 mV pk-pk Temperature Coefficient ± 0.02% / °C General Specifications Efficiency See Table I/O Isolation Voltage (3 sec.) 1500 VDC 3500 VDC (optional - please add “H35”) I/O Isolation Capacity 60 pF, typ. I/O Isolation Resistance 1000 M Ohm Switching Frequency (typical) 100 - 400 kHz Humidity 95% rel H Reliability Calculated MTBF (MIL-HDBK-217F) > 2.199 Mhrs Physical Specifications Case Material Non Conductive Black Plastic (UL94V-0 rated) Nickel Coated Copper (optional – please add “M”) Potting Material Epoxy (UL94V-0 rated) Weight ~12.5g, typ. (Plastic case - standard) ~15g, typ. (Metal case - optional) Environment Specifications Operating Temperature -40 to +85°C (ambient) Maximum Case Temperature 100°C Storage Temperature -40 to +125°C Cooling Free Air Convection (10mm distance required) RoHS Conform Soldering 260°C, max. (1.5mm from case 10s.) Mainzer Straße 151–153 D-55299 Nackenheim Tel. +49 6135 7026-0 Fax: +49 6135 931070 www.peak-electronics.de peak@peak-electronics.de The PECO-Line combine 1.5W up to 6W output power with 2:1 or 4:1 wide input and regulated output. The converters are available in plastic or optional metal DIP24 case with standard 1.5kV Isolation or optional 3.5kV isolation. You can choose between 3 Pinnings. PECO-SERIES 1.5 Watt 2:1 Wide Input Reg. Single and Dual Output 1.5 – 3.5 kV DC I/O Isolation DIP24 Plastic or Metal Case Continuous Short Circuit Prot. Full SMD Technology Rev.02-2010 |
Similar Part No. - PECO1_14 |
|
Similar Description - PECO1_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |