Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEN5-1212E21LF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # PEN5-1212E21LF
Description  PEN-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PEN5-1212E21LF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  PEN5-1212E21LF Datasheet HTML 1Page - PEAK electronics GmbH PEN5-1212E21LF Datasheet HTML 2Page - PEAK electronics GmbH PEN5-1212E21LF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PEN-Series – PEN5-xxxxE/Z2:1LF – Single and Dual Output – DIP24 - Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/3
Selection Guide
Single/Dual Output
Order #
Wa
tt
Inpu
t Vo
ltag
e (V
DC)
Out
put
Volt
age
(VD
C)
Out
put
Cur
rent
Min
. Lo
ad (
mA
)
Out
put
Cur
rent
Full
Loa
d (m
A)
Effic
ienc
y (%
)
Cap
acit
or L
oad
(uF
SINGLE OUTPUT
PEN5-123R3E2:1LF
4
9 - 18
3.3
0
1200
77
3300
PEN5-1205E2:1LF
5
9 - 18
5
0
1000
81
1000
PEN5-1212E2:1LF
6
9 - 18
12
0
500
84
330
PEN5-1215E2:1LF
6
9 - 18
15
0
400
84
220
PEN5-243R3E2:1LF
4
18 - 36
3.3
0
1200
79
3300
PEN5-2405E2:1LF
5
18 - 36
5
0
1000
83
1000
PEN5-2412E2:1LF
6
18 - 36
12
0
500
86
330
PEN5-2415E2:1LF
6
18 - 36
15
0
400
86
220
PEN5-483R3E2:1LF
4
36 - 72
3.3
0
1200
79
3300
PEN5-4805E2:1LF
5
36 - 72
5
0
1000
83
1000
PEN5-4812E2:1LF
6
36 - 72
12
0
500
86
330
PEN5-4815E2:1LF
6
36 - 72
15
0
400
86
220
DUAL OUTPUT
PEN5-1205Z2:1LF
5
9 - 18
± 5
0
± 500
81
± 330
PEN5-1212Z2:1LF
6
9 - 18
± 12
0
± 250
84
± 100
PEN5-1215Z2:1LF
6
9 - 18
± 15
0
± 200
84
± 47
PEN5-2405Z2:1LF
5
18 - 36
± 5
0
± 500
83
± 330
PEN5-2412Z2:1LF
6
18 - 36
± 12
0
± 250
86
± 100
PEN5-2415Z2:1LF
6
18 - 36
± 15
0
± 200
86
± 47
PEN5-4805Z2:1LF
5
36 - 72
± 5
0
± 500
83
± 330
PEN5-4812Z2:1LF
6
36 - 72
± 12
0
± 250
86
± 100
PEN5-4815Z2:1LF
6
36 - 72
± 15
0
± 200
86
± 47
If you need other specifications, please enquire.


Similar Part No. - PEN5-1212E21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PEN5-1212E21 PEAK-PEN5-1212E21 Datasheet
215Kb / 3P
   PEN5-XXXXE2:1 1.5 KV ISOLATED 4 - 6 W REGULATED SINGLE OUTPUT DIP24
More results

Similar Description - PEN5-1212E21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PEN4 PEAK-PEN4_14 Datasheet
140Kb / 3P
   PEN-SERIES
PEN3 PEAK-PEN3_14 Datasheet
123Kb / 3P
   PEN-SERIES
PEN6 PEAK-PEN6_14 Datasheet
141Kb / 3P
   PEN-SERIES
logo
PHOENIX CONTACT
2701379 PHOENIX-2701379 Datasheet
47Kb / 1P
   Touch pen - TOUCH PEN
5067828 PHOENIX-5067828 Datasheet
62Kb / 3P
   Marker pen - CMS-PEN 0,35
09/12/2020
0815211 PHOENIX-0815211 Datasheet
56Kb / 3P
   Disposable pen, non-refillable - P-PEN
09/11/2020
logo
Panasonic Semiconductor
ET-PEN100 PANASONIC-ET-PEN100 Datasheet
40Kb / 1P
   Interactive pen
logo
PHOENIX CONTACT
5067941 PHOENIX-5067941 Datasheet
43Kb / 2P
   Marker pen - CMS-PEN-D/AD 0,25
5146686 PHOENIX-5146686 Datasheet
53Kb / 3P
   Marker pen - CMS-DISPOSABLE-PEN 0,35 TR
09/12/2020
logo
ASM GmbH
8111 ASM-SENSOR-8111 Datasheet
1Mb / 4P
   PEN RECORDER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com