Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPM10-B-12ZLF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # PPM10-B-12ZLF
Description  5 - 20 W AC/DC CONVERTER DUAL OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PPM10-B-12ZLF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  PPM10-B-12ZLF Datasheet HTML 1Page - PEAK electronics GmbH PPM10-B-12ZLF Datasheet HTML 2Page - PEAK electronics GmbH PPM10-B-12ZLF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE:
Unit: mm
Pin section: 1.00mm
Pin tolerances: +/- 0.1mm
General tolerances: +/- 0.5mm
PPM-Series
PPMxx-x-xxZLF
5 - 20 W AC/DC CONVERTER DUAL OUTPUT
Examples of Partnumbers/Modelcode
PART
NO.
Power
(Watt)
INPUT CURRENT
(mA, typ.)
110V / 230V
OUTPUT
RIPPLE AND
NOISE (typ.)
EFFICIENCY
(% min.)
PPM05-A-05ZLF
5
120 / 70
± 5V / ±500mA
50mV
76
PPM05-A-12ZLF
5
120 / 70
±12V / ±210mA
50mV
76
PPM05-A-15ZLF
5
120 / 70
±15V / ±160mA
50mV
76
PPM05-A-24ZLF
5
120 / 70
±24V / ±100mA
50mV
76
PPM10-B-05ZLF
10
230 / 120
±5V / ±1000mA
50mV
78
PPM10-B-12ZLF
10
230 / 120
±12V / ±450mA
50mV
78
PPM10-B-15ZLF
10
230 / 120
±15V / ±350mA
50mV
78
PPM10-B-24ZLF
10
230 / 120
±24V / ±200mA
50mV
78
PPM15-C-05ZLF
15
250 / 140
±5V / ±1500mA
50mV
80
PPM15-C-12ZLF
15
250 / 140
±12V / ±650mA
50mV
80
PPM15-C-15ZLF
15
250 / 140
±15V / ±500mA
50mV
80
PPM20-D-05ZLF
20
250 / 140
±5V / ±2000mA
50mV
82
PPM20-D-12ZLF
20
250 / 140
±12V / ±830mA
50mV
82
PPM20-D-15ZLF
20
250 / 140
±15V / ±650mA
50mV
82
Other specifications please enquire.
Dimensions / Pinning
No.
PPMxx-A
No.
PPMxx-B
No.
PPMxx-C
No.
PPMxx-D
A
12.5
A
17.5
A
17.5
A
20.0
B
48.5
B
55.0
B
62.0
B
70.0
C
40.5
C
47.0
C
54.0
C
62.0
D
4.0
D
5.0
D
5.0
D
5.75
E
16.0
E
20.0
E
20.0
E
23.0
F
36.0
F
45.0
F
45.0
F
48.0
G
20.5
G
20.5
G
22.5
G
23.5
H
6.0
H
6.0
H
6.0
H
6.0
#
Dual out
1
FG
2
AC (N)
3
AC (L)
4
- V Output
5
No Pin
6
COM
7
No Pin
8
+ V Output
TRIM
No Pin
PINNING PPMxx-x-xxZLF


Similar Part No. - PPM10-B-12ZLF

ManufacturerPart #DatasheetDescription
logo
Make-Ps
PPM10-B-12E MAKE-PS-PPM10-B-12E Datasheet
209Kb / 4P
   Single Output AC/DC Converter
logo
PEAK electronics GmbH
PPM10-B-12ELF PEAK-PPM10-B-12ELF Datasheet
463Kb / 4P
   Over Current / Over Voltage Protection
More results

Similar Description - PPM10-B-12ZLF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PPM05-A-0505DLF PEAK-PPM05-A-0505DLF Datasheet
83Kb / 3P
   5- 20 W AC/DC CONVERTER TRIPLE OUTPUT
PPM05-A-0505ZSLF PEAK-PPM05-A-0505ZSLF Datasheet
84Kb / 3P
   5 - 20 W AC/DC CONVERTER ISOL./SEP. TWIN OUTPUT
PPM05-A-05ELF PEAK-PPM05-A-05ELF Datasheet
95Kb / 4P
   5 - 25 W AC/DC CONVERTER SINGLE OUTPUT
logo
MORNSUN Science& Techno...
LH20-10B03 MORNSUN-LH20-10B03_15 Datasheet
1Mb / 8P
   20(25)W, AC-DC converter
logo
Chinfa Electronics Ind....
RDD05 CHINFA-RDD05_14 Datasheet
184Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_14 Datasheet
177Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1 CHINFA-RDD05-03S1 Datasheet
174Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
logo
Power Integrations, Inc...
DI-53 POWERINT-DI-53 Datasheet
378Kb / 2P
   50 W DC-DC Dual Output Converter
logo
PEAK electronics GmbH
PPM03-S-05ELF PEAK-PPM03-S-05ELF Datasheet
99Kb / 3P
   3 W AC/DC CONVERTER SINGLE OUTPUT
logo
Texas Instruments
PT4711 TI-PT4711 Datasheet
337Kb / 13P
[Old version datasheet]   45-W Dual-Output Isolated DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com