Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEN6-2412Z41LF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # PEN6-2412Z41LF
Description  PEN-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PEN6-2412Z41LF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  PEN6-2412Z41LF Datasheet HTML 1Page - PEAK electronics GmbH PEN6-2412Z41LF Datasheet HTML 2Page - PEAK electronics GmbH PEN6-2412Z41LF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PEN-Series – PEN6-xxxxE/Z4:1LF – Single and Dual Output – DIP24 - Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/3
Selection Guide
Single/Dual Output
Order #
Wa
tt
Inpu
t Vo
ltag
e (V
DC
)
Out
put
Volt
age
(VD
C)
Out
put
Cur
rent
Full
Loa
d (m
A)
Effi
cien
cy (
%)
Cap
acit
or L
oad
(uF
SINGLE OUTPUT
PEN6-243R3E4:1LF
4
9 - 36
3.3
1200
78
1000
PEN6-2405E4:1LF
5
9 - 36
5
1000
81
680
PEN6-247R2E4:1LF
6
9 - 36
7.2
833
80
470
PEN6-2412E4:1LF
6
9 - 36
12
500
84
1000
PEN6-2415E4:1LF
6
9 - 36
15
400
84
470
PEN6-483R3E4:1LF
4
18 - 72
3.3
1200
78
1000
PEN6-4805E4:1LF
5
18 - 72
5
1000
82
680
PEN6-487R2E4:1LF
6
18 - 72
7.2
833
80
470
PEN6-4812E4:1LF
6
18 - 72
12
500
84
1000
PEN6-4815E4:1LF
6
18 - 72
15
400
84
100
DUAL OUTPUT
PEN6-243R3Z4:1LF
6
9 - 36
± 3.3
± 909
74
± 470
PEN6-2405Z4:1LF
5
9 - 36
± 5
± 500
81
± 330
PEN6-247R2Z4:1LF
6
9 - 36
± 7.2
± 416
80
± 220
PEN6-2412Z4:1LF
6
9 - 36
± 12
± 250
84
± 330
PEN6-2415Z4:1LF
6
9 - 36
± 15
± 200
84
± 100
PEN6-483R3Z4:1LF
6
18 - 72 ± 3.3
± 909
77
± 330
PEN6-4805Z4:1LF
5
18 - 72
± 5
± 500
81
± 330
PEN6-487R2Z4:1LF
6
18 - 72 ± 7.2
± 416
80
± 220
PEN6-4812Z4:1LF
6
18 - 72 ± 12
± 250
84
± 100
PEN6-4815Z4:1LF
6
18 - 72 ± 15
± 200
84
± 47
If you need other specifications, please enquire.


Similar Part No. - PEN6-2412Z41LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PEN6-2412Z41 PEAK-PEN6-2412Z41 Datasheet
196Kb / 3P
   PEN6-XXXXZ4:1 1.5 KV ISOLATED 5 - 6 W REGULATED DUAL OUTPUT DIP24
More results

Similar Description - PEN6-2412Z41LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PEN5 PEAK-PEN5_14 Datasheet
135Kb / 3P
   PEN-SERIES
PEN4 PEAK-PEN4_14 Datasheet
140Kb / 3P
   PEN-SERIES
PEN3 PEAK-PEN3_14 Datasheet
123Kb / 3P
   PEN-SERIES
logo
PHOENIX CONTACT
2701379 PHOENIX-2701379 Datasheet
47Kb / 1P
   Touch pen - TOUCH PEN
5067828 PHOENIX-5067828 Datasheet
62Kb / 3P
   Marker pen - CMS-PEN 0,35
09/12/2020
0815211 PHOENIX-0815211 Datasheet
56Kb / 3P
   Disposable pen, non-refillable - P-PEN
09/11/2020
logo
Panasonic Semiconductor
ET-PEN100 PANASONIC-ET-PEN100 Datasheet
40Kb / 1P
   Interactive pen
logo
PHOENIX CONTACT
5067941 PHOENIX-5067941 Datasheet
43Kb / 2P
   Marker pen - CMS-PEN-D/AD 0,25
5146686 PHOENIX-5146686 Datasheet
53Kb / 3P
   Marker pen - CMS-DISPOSABLE-PEN 0,35 TR
09/12/2020
logo
ASM GmbH
8111 ASM-SENSOR-8111 Datasheet
1Mb / 4P
   PEN RECORDER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com