Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEN3-4805Z21LF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # PEN3-4805Z21LF
Description  PEN-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PEN3-4805Z21LF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  PEN3-4805Z21LF Datasheet HTML 1Page - PEAK electronics GmbH PEN3-4805Z21LF Datasheet HTML 2Page - PEAK electronics GmbH PEN3-4805Z21LF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PEN-Series – PEN3-xxxxE/Z2:1LF – Single and Dual Output – DIP24 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/3
Selection Guide
Single/Dual Output
Order #
Wa
tt
Inpu
t Vo
ltag
e (V
DC)
Out
put
Volt
age
(VD
C)
Out
put
Cur
rent
Min
. Lo
ad (
mA
)
Out
put
Cur
rent
Full
Loa
d (m
A)
Effic
ienc
y (%
)
Cap
acit
or L
oad
(uF
SINGLE OUTPUT
PEN3-123R3E2:1LF
2
9 - 18
3.3
0
600
74
680
PEN3-1205E2:1LF
2.5
9 - 18
5
0
500
78
470
PEN3-1212E2:1LF
3
9 - 18
12
0
250
82
47
PEN3-1215E2:1LF
3
9 - 18
15
0
200
82
47
PEN3-243R3E2:1LF
2
18 - 36
3.3
0
600
76
680
PEN3-2405E2:1LF
2.5 18 - 36
5
0
500
79
330
PEN3-2412E2:1LF
3
18 - 36
12
0
250
84
47
PEN3-2415E2:1LF
3
18 - 36
15
0
200
84
47
PEN3-483R3E2:1LF
2
36 - 72
3.3
0
600
76
680
PEN3-4805E2:1LF
2.5 36 - 72
5
0
500
79
330
PEN3-4812E2:1LF
3
36 - 72
12
0
250
84
47
PEN3-4815E2:1LF
3
36 - 72
15
0
200
84
47
DUAL OUTPUT
PEN3-1205Z2:1LF
2.5
9 - 18
± 5
0
± 250
77
± 220
PEN3-1212Z2:1LF
3
9 - 18
± 12
0
± 125
80
± 22
PEN3-1215Z2:1LF
3
9 - 18
± 15
0
± 100
80
± 22
PEN3-2405Z2:1LF
2.5 18 - 36
± 5
0
± 250
79
± 220
PEN3-2412Z2:1LF
3
18 - 36
± 12
0
± 125
82
± 22
PEN3-2415Z2:1LF
3
18 - 36
± 15
0
± 100
82
± 22
PEN3-4805Z2:1LF
2.5 36 - 72
± 5
0
± 250
80
± 330
PEN3-4812Z2:1LF
3
36 - 72
± 12
0
± 125
84
± 22
PEN3-4815Z2:1LF
3
36 - 72
± 15
0
± 100
84
± 22
If you need other specifications, please enquire.


Similar Part No. - PEN3-4805Z21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PEN3-4805Z21 PEAK-PEN3-4805Z21 Datasheet
186Kb / 2P
   PEN3-XXXXZ2:1 1.5 KV ISOLATED 2 - 3 W REGULATED DUAL OUTPUT DIP24
More results

Similar Description - PEN3-4805Z21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PEN5 PEAK-PEN5_14 Datasheet
135Kb / 3P
   PEN-SERIES
PEN4 PEAK-PEN4_14 Datasheet
140Kb / 3P
   PEN-SERIES
PEN6 PEAK-PEN6_14 Datasheet
141Kb / 3P
   PEN-SERIES
logo
PHOENIX CONTACT
2701379 PHOENIX-2701379 Datasheet
47Kb / 1P
   Touch pen - TOUCH PEN
5067828 PHOENIX-5067828 Datasheet
62Kb / 3P
   Marker pen - CMS-PEN 0,35
09/12/2020
0815211 PHOENIX-0815211 Datasheet
56Kb / 3P
   Disposable pen, non-refillable - P-PEN
09/11/2020
logo
Panasonic Semiconductor
ET-PEN100 PANASONIC-ET-PEN100 Datasheet
40Kb / 1P
   Interactive pen
logo
PHOENIX CONTACT
5067941 PHOENIX-5067941 Datasheet
43Kb / 2P
   Marker pen - CMS-PEN-D/AD 0,25
5146686 PHOENIX-5146686 Datasheet
53Kb / 3P
   Marker pen - CMS-DISPOSABLE-PEN 0,35 TR
09/12/2020
logo
ASM GmbH
8111 ASM-SENSOR-8111 Datasheet
1Mb / 4P
   PEN RECORDER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com