Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI2050A Datasheet(PDF) 11 Page - Texas Instruments

Part # PCI2050A
Description  Two 32-Bit, 66-MHz PCI Buses
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCI2050A Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCI2050A Datasheet HTML 7Page - Texas Instruments PCI2050A Datasheet HTML 8Page - Texas Instruments PCI2050A Datasheet HTML 9Page - Texas Instruments PCI2050A Datasheet HTML 10Page - Texas Instruments PCI2050A Datasheet HTML 11Page - Texas Instruments PCI2050A Datasheet HTML 12Page - Texas Instruments PCI2050A Datasheet HTML 13Page - Texas Instruments PCI2050A Datasheet HTML 14Page - Texas Instruments PCI2050A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PCI2050A
PCI-to-PCI BRIDGE
SCPS067 – MAY 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
bridge configuration header
The bridge configuration header for PCI2050A is exactly the same as the bridge configuration header for PCI2050
except for the following registers.
The PCI2050A bridge is a single-function PCI device. The configuration header is in compliance with the PCI-to-PCI
Bridge Specification 1.1. Table 1 shows the PCI configuration header, which includes the predefined portion of the
bridge configuration space. The PCI configuration offset is shown in the right column under the OFFSET heading.
Table 1. Bridge Configuration Header
REGISTER NAME
OFFSET
Device ID
Vendor ID
00h
Status
Command
04h
Class code
Revision ID
08h
BIST
Header type
Primary latency timer
Cache line size
0Ch
Base address 0
10h
Base address 1
14h
Secondary bus latency timer
Subordinate bus number
Secondary bus number
Primary bus number
18h
Secondary status
I/O limit
I/O base
1Ch
Memory limit
Memory base
20h
Prefetchable memory limit
Prefetchable memory base
24h
Prefetchable base upper 32 bits
28h
Prefetchable limit upper 32 bits
2Ch
I/O limit upper 16 bits
I/O base upper 16 bits
30h
Reserved
Capability pointer
34h
Expansion ROM base address
38h
Bridge control
Interrupt pin
Interrupt line
3Ch
Arbiter control
Extended diagnostic
Chip control
40h
Reserved
44h–60h
GPIO input data
GPIO output enable
GPIO output data
P_SERR event disable
64h
Reserved
P_SERR status
Secondary clock control
68h
Reserved
6Ch–D8h
Power management capabilities
PM next item pointer
PM capability ID
DCh
Data
PMCSR bridge support
Power management control/status
E0h
Reserved
Hot swap control status
HS next item pointer
HS capability ID
E4h
Reserved
E8h–EFh
Reserved
Diagnostics
F0
Reserved
F4–FF


Similar Part No. - PCI2050A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI2050 TI-PCI2050 Datasheet
335Kb / 81P
[Old version datasheet]   PCI-TO-PCI BRIDGE
PCI2050B TI-PCI2050B Datasheet
410Kb / 87P
[Old version datasheet]   PCI-TO-PCI BRIDGE
PCI2050B TI1-PCI2050B Datasheet
445Kb / 88P
[Old version datasheet]   PCI-to-PCI Bridge
PCI2050B TI-PCI2050B Datasheet
511Kb / 88P
[Old version datasheet]   PCI-to-PCI Bridge
PCI2050B TI-PCI2050B Datasheet
512Kb / 88P
[Old version datasheet]   PCI-to-PCI Bridge
More results

Similar Description - PCI2050A

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XCV300-6FG456C XILINX-XCV300-6FG456C Datasheet
40Kb / 4P
   66-MHz PCI Compliant
logo
Applied Micro Circuits ...
S5933 AMCC-S5933 Datasheet
166Kb / 18P
   32-Bit PCI MatchMaker
logo
PLX Technology
PCI6350 PLX-PCI6350 Datasheet
883Kb / 2P
   Asynchronous 32-bit PCI-to-PCI Bridge
logo
Texas Instruments
DS90CR213 TI-DS90CR213_05 Datasheet
701Kb / 15P
[Old version datasheet]   21-Bit Channel Link-66 MHz
logo
National Semiconductor ...
DS90CR283 NSC-DS90CR283_01 Datasheet
277Kb / 13P
   28-Bit Channel Link-66 MHz
DS90CR283 NSC-DS90CR283 Datasheet
277Kb / 14P
   28-Bit Channel Link-66 MHz
logo
White Electronic Design...
WC32P040-XXM WEDC-WC32P040-XXM Datasheet
726Kb / 23P
   32-Bit, Nonmultiplexed External Address and Data Buses with Synchronous Interface
logo
Exar Corporation
XR17V252 EXAR-XR17V252 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17V252 EXAR-XR17V252_08 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
logo
Texas Instruments
DS92LV1023E TI1-DS92LV1023E_14 Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com