Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0815 Datasheet(PDF) 4 Page - YAGEO Corporation

Part # PF0815
Description  RoHS compliant & Halogen free
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PF0815 Datasheet(HTML) 4 Page - YAGEO Corporation

  PF0815 Datasheet HTML 1Page - YAGEO Corporation PF0815 Datasheet HTML 2Page - YAGEO Corporation PF0815 Datasheet HTML 3Page - YAGEO Corporation PF0815 Datasheet HTML 4Page - YAGEO Corporation PF0815 Datasheet HTML 5Page - YAGEO Corporation PF0815 Datasheet HTML 6Page - YAGEO Corporation PF0815 Datasheet HTML 7Page - YAGEO Corporation PF0815 Datasheet HTML 8Page - YAGEO Corporation PF0815 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov 01, 2011 V.0
Product specification
4
10
SERIES
PR/PF/PH
0805/1206/2512/0815
MARKING
PF0805 / PH0805
No marking
PF1206 / PH1206 / PR2512:
Full range
PF2512:
R < 20 m
Ω & R ≥ 20 mΩ with 2W
4 digits with top bar
The “R” is used as a decimal point; the other 3 digits are significant
PF2512: R ≥ 20 m
Ω with 1W
4 digits
The “R” is used as a decimal point; the other 3 digits are significant
PF0815
4 digits: E24 series
The “R” is used as a decimal point; the other 3 digits are significant
For further marking information, please refer to data sheet “Chip resistors marking”.
Fig. 2
Value = 5 mΩ
ynsc016
Fig. 3
Value = 20 mΩ
YNSC005
020
Fig. 4
Value = 10 mΩ
YNSC106
Fig. 1
ynsc107


Similar Part No. - PF0815

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF08103A HITACHI-PF08103A Datasheet
42Kb / 8P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
PF08103B HITACHI-PF08103B Datasheet
34Kb / 7P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
logo
Renesas Technology Corp
PF08109B RENESAS-PF08109B Datasheet
249Kb / 25P
   MOS FET Power Amplifier Module for E-GSM and DCS1800 Dual Band Handy Phone
PF08127 RENESAS-PF08127 Datasheet
140Kb / 18P
   MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
Oct. 2002
PF08127B RENESAS-PF08127B Datasheet
183Kb / 16P
   MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
More results

Similar Description - PF0815

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
   RoHS Compliant, Halogen Free
logo
Advanced Power Electron...
AP4224LGM A-POWER-AP4224LGM_16 Datasheet
113Kb / 6P
   RoHS Compliant & Halogen-Free
AP95T10GP-HF A-POWER-AP95T10GP-HF_16 Datasheet
67Kb / 5P
   RoHS Compliant & Halogen-Free
AP97T07GP-HF A-POWER-AP97T07GP-HF_16 Datasheet
99Kb / 5P
   RoHS Compliant & Halogen-Free
AP1332GEU-HF A-POWER-AP1332GEU-HF_16 Datasheet
64Kb / 5P
   RoHS Compliant & Halogen-Free
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
   RoHS Compliant & Halogen-Free
AP2625GY-HF A-POWER-AP2625GY-HF_16 Datasheet
68Kb / 5P
   RoHS Compliant & Halogen-Free
logo
Shanghai Leiditech Elec...
SMD2920P100TF-60 LEIDITECH-SMD2920P100TF-60 Datasheet
424Kb / 4P
   RoHS Compliant & Halogen Free
logo
Advanced Power Electron...
AP9926GM-HF A-POWER-AP9926GM-HF_14 Datasheet
66Kb / 4P
   RoHS Compliant & Halogen-Free
AP2611GYT-HF A-POWER-AP2611GYT-HF_14 Datasheet
56Kb / 4P
   RoHS Compliant & Halogen-Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com