Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB6H-A1P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AB6H-A1P
Description  A6 Series Miniature Switches and Pilot Devices 16mm
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AB6H-A1P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AB6H-A1P Datasheet HTML 1Page - List of Unclassifed Manufacturers AB6H-A1P Datasheet HTML 2Page - List of Unclassifed Manufacturers AB6H-A1P Datasheet HTML 3Page - List of Unclassifed Manufacturers AB6H-A1P Datasheet HTML 4Page - List of Unclassifed Manufacturers AB6H-A1P Datasheet HTML 5Page - List of Unclassifed Manufacturers AB6H-A1P Datasheet HTML 6Page - List of Unclassifed Manufacturers AB6H-A1P Datasheet HTML 7Page - List of Unclassifed Manufacturers AB6H-A1P Datasheet HTML 8Page - List of Unclassifed Manufacturers AB6H-A1P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
16mm A6
458
www.idec.com
Switches & Pilot Devices
AB6 Non-Illuminated Pushbuttons (Assembled)
Non-Illuminated Pushbuttons
Style
Contact
Part Number
Momentary
Maintained (Latching)
Dustproof (IP40)
Oiltight (IP65)
Dustproof (IP40)
Oiltight (IP65)
Round 18mm
SPDT
DPDT
AB6M-M1-j
AB6M-M2-j
AB6M-M1P-j
AB6M-M2P-j
AB6M-A1-j
AB6M-A2-j
AB6M-A1P-j
AB6M-A2P-j
Square 18mm
SPDT
DPDT
AB6Q-M1-j
AB6Q-M2-j
AB6Q-M1P-j
AB6Q-M2P-j
AB6Q-A1-j
AB6Q-A2-j
AB6Q-A1P-j
AB6Q-A2P-j
Rectangular 18mm x 24mm
SPDT
DPDT
AB6H-M1-j
AB6H-M2-j
AB6H-M1P-j
AB6H-M2P-j
AB6H-A1-j
AB6H-A2-j
AB6H-A1P-j
AB6H-A2P-j
Round 23.5mm
SPDT
DPDT
AB6M-M1P-Mj
AB6M-M2P-Mj
AB6M-A1P-Mj
AB6M-A2P-Mj
Square 23.5mm
SPDT
DPDT
AB6Q-M1P-Qj
AB6Q-M2P-Qj
AB6Q-A1P-Qj
AB6Q-A2P-Qj
Rectangular 17.5 X 23.5mm
SPDT
DPDT
AB6Q-M1P-Hj
AB6Q-M2P-Hj
AB6Q-A1P-Hj
AB6Q-A2P-Hj
AB6-V Pushlock Turn Reset
Shape
Operation
Contact
Part Number
Remarks
Dustproof (IP40)
Oiltight (IP65)
23.5mm Round Mushroom
Pushlock Turn Reset
SPDT
DPDT
AB6M-V1-R
AB6M-V2-R
AB6M-V1P-R
AB6M-V2P-R
1. Button available in red only.
2. Replacement button: order AB6M-V-R
Buzzer
Style
Shape
Voltage
Part Number
Round (18mm)
12V DC
UZ6-11
24V DC
UZ6-12
Buzzer Ratings
Frequency
2 khz ± 500 HZ
Amplitude
80db @ 0.1m (at rated voltage)
Operating Voltage
6V AC/DC or 12 - 24V AC/DC ± 10%
Adjustable Cycle
55 to 600 cycles per minute
Current Draw
DC: 7mA, AC: 20mA
Life
1000 hrs. minimum
Insulation Voltage
60V AC/DC
Operating Temperature
-20 to 55 C (no freezing), 45 to 85% rh
jButton Color Code
Color
Code
Black
B
Green
G
Red
R
Blue
S
White
W
Yellow
Y
jButton Color Code
Color
Code
Black
B
Green
G
Red
R
Blue
S
White
W
Yellow
Y
1. In place of j, specify Button Color Code
from the table at right.
2. To order as sub-assembled, see page 459.
3. For accessories, see page 466.
4. For dimensions, see page 468.
1. In place of j, specify Button Color Code
from the table at right.
2. To order as sub-assembled, see page 459.
3. For accessories, see page 466.
4. For dimensions, see page 468.


Similar Part No. - AB6H-A1P

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AB6 ALTECH-AB6 Datasheet
283Kb / 1P
   30 mm Non-Illuminated Booted Momentary Metal Operator ABx
logo
List of Unclassifed Man...
AB6-115AC ETC2-AB6-115AC Datasheet
3Mb / 1P
   Acoustic Signals
AB6-230AC ETC2-AB6-230AC Datasheet
3Mb / 1P
   Acoustic Signals
AB6-24DC ETC2-AB6-24DC Datasheet
3Mb / 1P
   Acoustic Signals
logo
3M Electronics
AB6000 3M-AB6000 Datasheet
88Kb / 4P
   EMI Absorber with Shielding
More results

Similar Description - AB6H-A1P

ManufacturerPart #DatasheetDescription
logo
IDEC Corporation
A6SERIES IDEC-A6SERIES Datasheet
3Mb / 14P
   A6 Series — Miniature Switches and Pilot Devices: 16mm
2017
logo
List of Unclassifed Man...
HA1EV2S1R ETC2-HA1EV2S1R Datasheet
3Mb / 23P
   L6 Series Miniature Switches and Pilot Devices
HW-G10 ETC2-HW-G10 Datasheet
164Kb / 4P
   Oiltight Switches and Pilot Devices
logo
IDEC Corporation
LW-C10 IDEC-LW-C10 Datasheet
545Kb / 18P
   LW Series — Switches and Pilot Devices: 22mm
logo
List of Unclassifed Man...
E22BA3 ETC2-E22BA3 Datasheet
63Kb / 1P
   Oiltight Switches Pilot Devices
logo
IDEC Corporation
FB1W-111Y IDEC-FB1W-111Y Datasheet
377Kb / 2P
   Enclosures for XW, HW & TW 22mm Switches and Pilot Devices
logo
Tyco Electronics
2-1437569-2 MACOM-2-1437569-2 Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
2-1437569-1 MACOM-2-1437569-1 Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
COMMAND MACOM-COMMAND Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
164EL11 MACOM-164EL11 Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com