Electronic Components Datasheet Search |
|
AL6M-LK3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
AL6M-LK3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 14 page 16mm A6 458 www.idec.com Switches & Pilot Devices AB6 Non-Illuminated Pushbuttons (Assembled) Non-Illuminated Pushbuttons Style Contact Part Number Momentary Maintained (Latching) Dustproof (IP40) Oiltight (IP65) Dustproof (IP40) Oiltight (IP65) Round 18mm SPDT DPDT AB6M-M1-j AB6M-M2-j AB6M-M1P-j AB6M-M2P-j AB6M-A1-j AB6M-A2-j AB6M-A1P-j AB6M-A2P-j Square 18mm SPDT DPDT AB6Q-M1-j AB6Q-M2-j AB6Q-M1P-j AB6Q-M2P-j AB6Q-A1-j AB6Q-A2-j AB6Q-A1P-j AB6Q-A2P-j Rectangular 18mm x 24mm SPDT DPDT AB6H-M1-j AB6H-M2-j AB6H-M1P-j AB6H-M2P-j AB6H-A1-j AB6H-A2-j AB6H-A1P-j AB6H-A2P-j Round 23.5mm SPDT DPDT – AB6M-M1P-Mj AB6M-M2P-Mj – AB6M-A1P-Mj AB6M-A2P-Mj Square 23.5mm SPDT DPDT – AB6Q-M1P-Qj AB6Q-M2P-Qj – AB6Q-A1P-Qj AB6Q-A2P-Qj Rectangular 17.5 X 23.5mm SPDT DPDT – AB6Q-M1P-Hj AB6Q-M2P-Hj – AB6Q-A1P-Hj AB6Q-A2P-Hj AB6-V Pushlock Turn Reset Shape Operation Contact Part Number Remarks Dustproof (IP40) Oiltight (IP65) 23.5mm Round Mushroom Pushlock Turn Reset SPDT DPDT AB6M-V1-R AB6M-V2-R AB6M-V1P-R AB6M-V2P-R 1. Button available in red only. 2. Replacement button: order AB6M-V-R Buzzer Style Shape Voltage Part Number Round (18mm) 12V DC UZ6-11 24V DC UZ6-12 Buzzer Ratings Frequency 2 khz ± 500 HZ Amplitude 80db @ 0.1m (at rated voltage) Operating Voltage 6V AC/DC or 12 - 24V AC/DC ± 10% Adjustable Cycle 55 to 600 cycles per minute Current Draw DC: 7mA, AC: 20mA Life 1000 hrs. minimum Insulation Voltage 60V AC/DC Operating Temperature -20 to 55 C (no freezing), 45 to 85% rh jButton Color Code Color Code Black B Green G Red R Blue S White W Yellow Y jButton Color Code Color Code Black B Green G Red R Blue S White W Yellow Y 1. In place of j, specify Button Color Code from the table at right. 2. To order as sub-assembled, see page 459. 3. For accessories, see page 466. 4. For dimensions, see page 468. 1. In place of j, specify Button Color Code from the table at right. 2. To order as sub-assembled, see page 459. 3. For accessories, see page 466. 4. For dimensions, see page 468. |
Similar Part No. - AL6M-LK3 |
|
Similar Description - AL6M-LK3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |