Electronic Components Datasheet Search |
|
OPB860 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers |
|
OPB860 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 11 page OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue E 12/2012 Page 6 of 11 Slotted Optical Switch Series: OPB355, OPB360, OPB370, OPB380, OPB390 OPB859, OPB860, OPB870, OPB880, OPB890 OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Absolute Maximum Ratings (TA=25°C unless otherwise noted) Storage Temperature (1) (2) OPB355, OPB360, OPB370, OPB859, OPB860, OPB870 Series OPB380, OPB390, OPB880, OPB890 Series -40° C to +100° C -40° C to +85° C Operating Temperature (1) (2) -40° C to +85° C Lead Soldering Temperature (7) 260° C Input LED Forward DC Current OPB355, OPB360, OPB370, OPB380, OPB390, OPB859, OPB860, OPB870, OPB880, OPB890 50 mA Peak Forward Current (1µs pulse width, 300 pps) 1 A Reverse DC Voltage 2 V Power Dissipation (2) 75 mW Output Phototransistor/Diode Cathode-Anode Reverse Voltage -OPB355 60 V Emitter-Collector Voltage 5 V Collector DC Current 30 mA Power Dissipation (1) 100 mW Collector-Emitter Voltage OPB360, OPB370, OPB380, OPB390, OPB859, OPB860, OPB870, OPB880, OPB890 Series 30 V Notes: (1) For wire series (OPB380, OPB390, OPB880 and OPB890), maximum storage and operating temperature is limited by the temperature rating of the lead wires. (2) Derate linearly 1.67 mW/° C above 25° C. (3) For OPB355, OPB360 and OPB370, polarity is denoted by color of housing top: LED (clear); sensor (black). (4) Cleaning agents methanol and isopropanol are recommended. Spray or wipe; do not submerge. (5) OPB380 and OPB390 wire terminations have 24” of 7-strand 26 AWG UL approved insulated wire on each terminal. These devices incorporate a wire strain relief at the housing surface. The insulation colors and functions are: IRED anode (red); IRED cathode (black); phototransistor collector (white); phototransistor emitter (green). (6) RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering. (7) All parameters were tested using pulse technique. |
Similar Part No. - OPB860 |
|
Similar Description - OPB860 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |