Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4302 Datasheet(PDF) 8 Page - Peregrine Semiconductor

Part # PE4302
Description  50 廓 RF Digital Attenuator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4302 Datasheet(HTML) 8 Page - Peregrine Semiconductor

Back Button PE4302_14 Datasheet HTML 2Page - Peregrine Semiconductor PE4302_14 Datasheet HTML 3Page - Peregrine Semiconductor PE4302_14 Datasheet HTML 4Page - Peregrine Semiconductor PE4302_14 Datasheet HTML 5Page - Peregrine Semiconductor PE4302_14 Datasheet HTML 6Page - Peregrine Semiconductor PE4302_14 Datasheet HTML 7Page - Peregrine Semiconductor PE4302_14 Datasheet HTML 8Page - Peregrine Semiconductor PE4302_14 Datasheet HTML 9Page - Peregrine Semiconductor PE4302_14 Datasheet HTML 10Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Product Specification
PE4302
Page 8 of 11
©2003-2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0056-04
│ UltraCMOS™ RFIC Solutions
Table 7. 6-Bit Attenuator Serial Programming
Register Map
Table 9. Parallel Interface AC Characteristics
Figure 18. Parallel Interface Timing Diagram
Table 8. Serial Interface AC Characteristics
Figure 17. Serial Interface Timing Diagram
LE
Clock
Data
MSB
LSB
t
LESUP
t
SDSUP
t
SDHLD
t
LEPW
B5
B4
B3
B2
B1
B0
C16
C8C4
C2C1
C0.5
↑↑
LSB (last in)
MSB (first in)
t
PDSUP
t
PDHLD
Parallel Data
C16:C0.5
LE
t
LEPW
Symbol
Parameter
Min
Max
Unit
fClk
Serial data clock
frequency (Note 1)
10
MHz
tClkH
Serial clock HIGH time
30
ns
tClkL
Serial clock LOW time
30
ns
tLESUP
LE set-up time after last
clock falling edge
10
ns
tLEPW
LE minimum pulse width
30
ns
tSDSUP
Serial data set-up time
before clock rising edge
10
ns
tSDHLD
Serial data hold time
after clock falling edge
10
ns
Note: fClk is verified during the functional pattern test. Serial
programming sections of the functional pattern are clocked at
10 MHz to verify fclk specification.
Symbol
Parameter
Min
Max
Unit
tLEPW
LE minimum pulse width
10
ns
tPDSUP
Data set-up time before
rising edge of LE
10
ns
tPDHLD
Data hold time after
falling edge of LE
10
ns
VDD = 3.0 V, -40° C < TA < 85° C, unless otherwise specified
VDD = 3.0 V, -40° C < TA < 85° C, unless otherwise specified
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE4302_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302_15 Datasheet
472Kb / 10P
   RF Digital Attenuator
More results

Similar Description - PE4302_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43204 PSEMI-PE43204_14 Datasheet
854Kb / 8P
   50 廓 RF Digital Attenuator
PE43602 PSEMI-PE43602_14 Datasheet
985Kb / 11P
   50 廓 RF Digital Attenuator
PE43701 PSEMI-PE43701_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
PE43703 PSEMI-PE43703_14 Datasheet
1,022Kb / 15P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43503 PEREGRINE-PE43503 Datasheet
437Kb / 11P
   50 廓 RF Digital Attenuator
logo
SIPAT Co,Ltd
SP43204 SIPAT-SP43204 Datasheet
840Kb / 7P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502_14 Datasheet
986Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43502 PEREGRINE-PE43502 Datasheet
443Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43601 PSEMI-PE43601_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4305DS PEREGRINE-PE4305DS Datasheet
460Kb / 11P
   50 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com