Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4304 Datasheet(PDF) 3 Page - Peregrine Semiconductor

Part # PE4304
Description  75 廓 RF Digital Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4304 Datasheet(HTML) 3 Page - Peregrine Semiconductor

  PE4304_14 Datasheet HTML 1Page - Peregrine Semiconductor PE4304_14 Datasheet HTML 2Page - Peregrine Semiconductor PE4304_14 Datasheet HTML 3Page - Peregrine Semiconductor PE4304_14 Datasheet HTML 4Page - Peregrine Semiconductor PE4304_14 Datasheet HTML 5Page - Peregrine Semiconductor PE4304_14 Datasheet HTML 6Page - Peregrine Semiconductor PE4304_14 Datasheet HTML 7Page - Peregrine Semiconductor PE4304_14 Datasheet HTML 8Page - Peregrine Semiconductor PE4304_14 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Product Specification
PE4304
Page 3 of 11
Document No. 70-0066-04
│ www.psemi.com
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Evaluation Kit
The Digital Attenuator Evaluation Kit board was
designed to ease customer evaluation of the
PE4304 Digital Step Attenuator.
J9 is used in conjunction with the supplied DC cable
to supply VDD, GND, and –VDD. If use of the internal
negative voltage generator is desired, then do not
connect –VDD (Black banana plug). If an external –
VDD is desired, then apply -3V.
J1 should be connected to the parallel port of a PC
with the supplied ribbon cable. The evaluation
software is written to operate the DSA in serial
mode, so Switch 7 (P/S) should be ON with all other
switches off. Using the software, enable or disable
each attenuation setting to the desired combined
attenuation. The software automatically programs
the DSA each time an attenuation state is enabled or
disabled.
To evaluate the Power up options, first disconnect
the parallel ribbon cable from the evaluation board.
The parallel cable must be removed to prevent the
PC parallel port from biasing the control pins to
unknown states. During power up in serial mode (P/
S=1 and LE=0) or in parallel mode with P/S=0 and
LE=1, the default power-up signal attenuation is set
to the value present on the six control bits on the six
parallel data inputs (C0.5 to C16). This allows any
one of the 64 attenuation settings to be specified as
the power-up state.
To power up in Parallel mode (P/S=0) with LE=0, the
control bits are automatically set to one of four
possible values. These four values are selected by
the two power-up control bits, PUP1 and PUP2, as
shown in the Parallel PUP Truth Table (Table 6).
Figure 4. Evaluation Board Layout
Figure 5. Evaluation Board Schematic
Note: Resistors on pins 1 and 3
are required to avoid package
resonance and meet error
specifications over frequency.
Peregrine Specification 101/0112
Peregrine Specification 102/0142
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE4304_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4304 PEREGRINE-PE4304_15 Datasheet
535Kb / 10P
   RF Digital Attenuator
More results

Similar Description - PE4304_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4308 PEREGRINE-PE4308 Datasheet
504Kb / 11P
   75 廓 RF Digital Attenuator
logo
SIPAT Co,Ltd
SP4307 SIPAT-SP4307 Datasheet
935Kb / 10P
   75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4307 PSEMI-PE4307_14 Datasheet
1Mb / 11P
   75廓 RF Digital Attenuator
PE4308 PSEMI-PE4308_14 Datasheet
1Mb / 11P
   75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4304 PEREGRINE-PE4304 Datasheet
535Kb / 11P
   75 廓 RF Digital Attenuator
PE4307 PEREGRINE-PE4307 Datasheet
441Kb / 11P
   75廓 RF Digital Attenuator
logo
SIPAT Co,Ltd
SP4304 SIPAT-SP4304 Datasheet
928Kb / 10P
   75 廓 RF Digital Attenuator
SP43404 SIPAT-SP43404 Datasheet
1Mb / 10P
   75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43404 PSEMI-PE43404_14 Datasheet
1Mb / 11P
   75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404 Datasheet
529Kb / 11P
   75 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com