Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4307 Datasheet(PDF) 6 Page - Peregrine Semiconductor

Part # PE4307
Description  75廓 RF Digital Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4307 Datasheet(HTML) 6 Page - Peregrine Semiconductor

Back Button PE4307_14 Datasheet HTML 2Page - Peregrine Semiconductor PE4307_14 Datasheet HTML 3Page - Peregrine Semiconductor PE4307_14 Datasheet HTML 4Page - Peregrine Semiconductor PE4307_14 Datasheet HTML 5Page - Peregrine Semiconductor PE4307_14 Datasheet HTML 6Page - Peregrine Semiconductor PE4307_14 Datasheet HTML 7Page - Peregrine Semiconductor PE4307_14 Datasheet HTML 8Page - Peregrine Semiconductor PE4307_14 Datasheet HTML 9Page - Peregrine Semiconductor PE4307_14 Datasheet HTML 10Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Product Specification
PE4307
Page 6 of 11
©2003-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0161-05 │ UltraCMOS® RFIC Solutions
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
02
4
6
8
10
12
14
16
Attenuation Setting (dB)
1000MHz, -40C
1000MHz, 85C
1000MHz, 25C
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
02
46
8
10
12
14
16
Attenuation Setting (dB)
1200MHz, -40C
1200MHz, 25C
1200MHz, 85C
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
02
46
8
10
12
14
16
Attenuation Setting (dB)
10MHz, -40C
10MHz, 25C
10MHz, 85C
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
02
46
8
10
12
14
16
Attenuation Setting (dB)
500MHz, 85C
500MHz, -40C
500MHz, 25C
Figure 15. Attenuation Error Vs. Attenuation
Setting
Figure 14. Attenuation Error Vs. Attenuation
Setting
Figure 16. Attenuation Error Vs. Attenuation
Setting
Figure 17. Attenuation Error Vs. Attenuation
Setting
Note: Positive attenuation error indicates higher attenuation than target value
Typical Performance Data @ 25°C, VDD = 3.0V
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE4307_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4307 PEREGRINE-PE4307_15 Datasheet
441Kb / 11P
   RF Digital Attenuator
logo
Pasternack Enterprises,...
PE4307 PASTERNACK-PE4307_16 Datasheet
415Kb / 3P
   BNC Male Right Angle Connector Clamp/Solder Attachment
More results

Similar Description - PE4307_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4308 PEREGRINE-PE4308 Datasheet
504Kb / 11P
   75 廓 RF Digital Attenuator
logo
SIPAT Co,Ltd
SP4307 SIPAT-SP4307 Datasheet
935Kb / 10P
   75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4308 PSEMI-PE4308_14 Datasheet
1Mb / 11P
   75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4304 PEREGRINE-PE4304 Datasheet
535Kb / 11P
   75 廓 RF Digital Attenuator
PE4307 PEREGRINE-PE4307 Datasheet
441Kb / 11P
   75廓 RF Digital Attenuator
logo
SIPAT Co,Ltd
SP4304 SIPAT-SP4304 Datasheet
928Kb / 10P
   75 廓 RF Digital Attenuator
SP43404 SIPAT-SP43404 Datasheet
1Mb / 10P
   75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4304 PSEMI-PE4304_14 Datasheet
1Mb / 11P
   75 廓 RF Digital Attenuator
PE43404 PSEMI-PE43404_14 Datasheet
1Mb / 11P
   75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404 Datasheet
529Kb / 11P
   75 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com