Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42720 Datasheet(PDF) 8 Page - Peregrine Semiconductor

Part # PE42720
Description  UltraCMOS짰 SPDT RF Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42720 Datasheet(HTML) 8 Page - Peregrine Semiconductor

Back Button PE42720_14 Datasheet HTML 3Page - Peregrine Semiconductor PE42720_14 Datasheet HTML 4Page - Peregrine Semiconductor PE42720_14 Datasheet HTML 5Page - Peregrine Semiconductor PE42720_14 Datasheet HTML 6Page - Peregrine Semiconductor PE42720_14 Datasheet HTML 7Page - Peregrine Semiconductor PE42720_14 Datasheet HTML 8Page - Peregrine Semiconductor PE42720_14 Datasheet HTML 9Page - Peregrine Semiconductor PE42720_14 Datasheet HTML 10Page - Peregrine Semiconductor PE42720_14 Datasheet HTML 11Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Product Specification
PE42720
Page 8 of 11
Document No. DOC-12514-2 │ UltraCMOS® RFIC Solutions
©2010-2013 Peregrine Semiconductor Corp. All rights reserved.
Figure 19. Evaluation Board Layout
Evaluation Kit
The SPDT switch evaluation board was designed to
ease customer evaluation of Peregrine’s PE42720.
The RF common port is connected through a 75Ω
transmission line via the F-Type connector, J2. RF1
and RF2 ports are connected through 75Ω
transmission lines via F-Type connectors J1 and J3,
respectively. A 75Ω through transmission line is
available via F-Type connectors J4 and J5, which
can be used to de-embed the loss of the PCB. J6
provides DC and digital inputs to the device.
The board is constructed of a four metal layer
material with a total thickness of 60 mils. To achieve
high isolation, the 75Ω transmission lines are
designed in layer 2 using a stripline waveguide
design. The board stack up for 75Ω transmission
lines has 20 mil thickness of Rogers 4350B between
layer 1 and layer 2, 20 mil thickness of Rogers
4450F between layer 2 and layer 3, and 13.3 mil
thickness of Rogers 4350B between layer 3 and
layer 4.
For the true performance of the PE42720 to be
realized, the PCB should be designed in such a way
that RF transmission lines and sensitive DC I/O
traces are heavily isolated from one another.
101-0557
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE42720_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42720 PEREGRINE-PE42720_15 Datasheet
390Kb / 11P
   SPDT RF Switch
More results

Similar Description - PE42720_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42420 PSEMI-PE42420_14 Datasheet
400Kb / 12P
   UltraCMOS짰 SPDT RF Switch
PE42422 PSEMI-PE42422_14 Datasheet
962Kb / 13P
   UltraCMOS짰 SPDT RF Switch
PE42721 PSEMI-PE42721_14 Datasheet
345Kb / 12P
   UltraCMOS짰 SPDT RF Switch
PE42420LGBB-Z PSEMI-PE42420LGBB-Z Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100.6000 MHz
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
   UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42821 PSEMI-PE42821 Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
PE42721MLBA-Z PSEMI-PE42721MLBA-Z Datasheet
1Mb / 12P
   UltraCMOS짰 SPDT RF Switch 5??200 MHz
PE42820MLBA-X PSEMI-PE42820MLBA-X Datasheet
371Kb / 12P
   UltraCMOS짰 SPDT RF Switch 30??700 MHz
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
   SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
PE42423MLBA-Z PSEMI-PE42423MLBA-Z Datasheet
490Kb / 11P
   UltraCMOS짰 SPDT RF Switch 100 MHz - 6 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com