Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42720 Datasheet(PDF) 10 Page - Peregrine Semiconductor

Part # PE42720
Description  UltraCMOS짰 SPDT RF Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42720 Datasheet(HTML) 10 Page - Peregrine Semiconductor

Back Button PE42720_14 Datasheet HTML 3Page - Peregrine Semiconductor PE42720_14 Datasheet HTML 4Page - Peregrine Semiconductor PE42720_14 Datasheet HTML 5Page - Peregrine Semiconductor PE42720_14 Datasheet HTML 6Page - Peregrine Semiconductor PE42720_14 Datasheet HTML 7Page - Peregrine Semiconductor PE42720_14 Datasheet HTML 8Page - Peregrine Semiconductor PE42720_14 Datasheet HTML 9Page - Peregrine Semiconductor PE42720_14 Datasheet HTML 10Page - Peregrine Semiconductor PE42720_14 Datasheet HTML 11Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Product Specification
PE42720
Page 10 of 11
Document No. DOC-12514-2 │ UltraCMOS® RFIC Solutions
©2010-2013 Peregrine Semiconductor Corp. All rights reserved.
TOP VIEW
BOTTOM VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
A
0.10 C
(2X)
C
0.10 C
0.08 C
SEATING PLANE
B
0.10 C
(2X)
PIN #1 CORNER
4.00
4.00
0.94±0.07
0.70±0.04
2.00±0.05
2.00±0.05
0.40±0.05
(x20)
0.26±0.05
(x20)
0.50
0.10
2.00
REF
(x16)
0.31
(x20)
0.60
(x20)
2.05
2.05
4.20
4.20
0.50
(x16)
1
5
6
10
11
15
16
20
Figure 21. Package Drawing
20-lead 4x4 mm LGA
Figure 22. Top Marking Specifications
42720
YYWW
ZZZZZ
DOC-01641
DOC-01890
= Pin 1 designator
YYWW = Date Code
ZZZZZ = Last five digits of Lot Number
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE42720_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42720 PEREGRINE-PE42720_15 Datasheet
390Kb / 11P
   SPDT RF Switch
More results

Similar Description - PE42720_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42420 PSEMI-PE42420_14 Datasheet
400Kb / 12P
   UltraCMOS짰 SPDT RF Switch
PE42422 PSEMI-PE42422_14 Datasheet
962Kb / 13P
   UltraCMOS짰 SPDT RF Switch
PE42721 PSEMI-PE42721_14 Datasheet
345Kb / 12P
   UltraCMOS짰 SPDT RF Switch
PE42420LGBB-Z PSEMI-PE42420LGBB-Z Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100.6000 MHz
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
   UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42821 PSEMI-PE42821 Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
PE42721MLBA-Z PSEMI-PE42721MLBA-Z Datasheet
1Mb / 12P
   UltraCMOS짰 SPDT RF Switch 5??200 MHz
PE42820MLBA-X PSEMI-PE42820MLBA-X Datasheet
371Kb / 12P
   UltraCMOS짰 SPDT RF Switch 30??700 MHz
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
   SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
PE42423MLBA-Z PSEMI-PE42423MLBA-Z Datasheet
490Kb / 11P
   UltraCMOS짰 SPDT RF Switch 100 MHz - 6 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com