Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42750 Datasheet(PDF) 7 Page - Peregrine Semiconductor

Part # PE42750
Description  75 廓 Terminated 5 - 2200 MHz SPDT CATV UltraCMOS짰 Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42750 Datasheet(HTML) 7 Page - Peregrine Semiconductor

Back Button PE42750_14 Datasheet HTML 2Page - Peregrine Semiconductor PE42750_14 Datasheet HTML 3Page - Peregrine Semiconductor PE42750_14 Datasheet HTML 4Page - Peregrine Semiconductor PE42750_14 Datasheet HTML 5Page - Peregrine Semiconductor PE42750_14 Datasheet HTML 6Page - Peregrine Semiconductor PE42750_14 Datasheet HTML 7Page - Peregrine Semiconductor PE42750_14 Datasheet HTML 8Page - Peregrine Semiconductor PE42750_14 Datasheet HTML 9Page - Peregrine Semiconductor PE42750_14 Datasheet HTML 10Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Product Specification
PE42750
Page 7 of 10
Document No. 70-0334-07 │ www.psemi.com
©2010-2012 Peregrine Semiconductor Corp. All rights reserved.
Evaluation Kit Information
Figure 20. Evaluation Board Layouts
Peregrine Specification 101/0491
75 OHM T-Line
75 OHM T-Line
75 OHM T-Line
75 OHM T-Line
NOTES:
4.3 Er AND 2.1MIL Cu THICKNESS.
3. ALL TRANSMISION LINES ARE:
12MIL WIDTH, 12MIL GAPS, 28MIL CORE DIELECTRIC
TO DAMAGE BY ELECTROSTATIC DISCHARGE (ESD)
2. CAUTION:
1. USE 101-0491-01
CONTAINS PARTS AND ASSEMBLIES SUSCEPTIBLE
1
J5
CBJE130-2
R1
1M
R2
1M
1
C1
3
C2
5
GND
7
GND
2
GND
4
GND
6
GND
8
GND
10
GND
12
GND
14
GND
13
GND
9
VDD
11
GND
J6
HEADER 14
1
J4
CBJE130-2
1
J3
CBJE130-2
C3
DNI
C2
DNI
C1
DNI
1
J2
CBJE130-2
1
J1
CBJE130-2
1
GND
2
RF1
3
GND
7
GND
8
RF2
9
GND
U1
QFN_12L_3X3
RF1
RFC
RF2
The SPDT Switch Evaluation Kit facilitates
customer evaluation of the PE42750 SPDT switch.
The RF common port is connected through a 75 Ω
transmission line to J2. Ports 1 and 2 are
connected through 75 Ω transmission lines to J1
and J3. A through line connects F connectors J4
and J5. This transmission line can be used to
estimate the PCB loss over the environmental
conditions. J6 provides DC and digital inputs to the
device.
The board is composed of a two metal layer FR4
material with a total thickness of 0.032”. The
transmission lines are hybrid microstrip/coplanar
waveguide with ground plane (28 mil core, 12 mil
width, 12 mil gap).
The provided jumpers short the control pins to
ground for logic low. With the jumper removed the
control input rises to VDD for logic high through the
1 MΩ pull up resistor. These resistors will draw
several microamps from VDD. They are not required
for normal operation.
Figure 19. Evaluation Board Schematic
Peregrine Specification 102/0586
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE42750_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42750 PEREGRINE-PE42750_15 Datasheet
450Kb / 10P
   Switch
More results

Similar Description - PE42750_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42750MLAA-Z PSEMI-PE42750MLAA-Z Datasheet
518Kb / 10P
   75 廓 Terminated 5 - 2200 MHz SPDT CATV UltraCMOS짰 Switch Featuring Unpowered Operation
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
logo
Peregrine Semiconductor...
PE42750 PEREGRINE-PE42750 Datasheet
450Kb / 10P
   75 廓 Terminated 5 - 2200 MHz SPDT
PE42742 PEREGRINE-PE42742 Datasheet
326Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT
logo
Peregrine Semiconductor
PE42742MLIBB-Z PSEMI-PE42742MLIBB-Z Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Peregrine Semiconductor...
PE42742 PEREGRINE-PE42742 Datasheet
301Kb / 10P
   75 廓 Terminated - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
SIPAT Co,Ltd
SP42742 SIPAT-SP42742 Datasheet
1,010Kb / 5P
   75  Terminated, 5 - 2200 MHz SPDT
logo
Peregrine Semiconductor...
PE42750 PEREGRINE-PE42750 Datasheet
634Kb / 9P
   75  Terminated 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
PE4274 PEREGRINE-PE4274 Datasheet
468Kb / 12P
   75廓 Terminated - 2.2 GHz SPDT CATV UltraCMOS??Switch
logo
Peregrine Semiconductor
PE4280MLIAA PSEMI-PE4280MLIAA Datasheet
882Kb / 8P
   75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com