Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE43705 Datasheet(PDF) 9 Page - Peregrine Semiconductor

Part # PE43705
Description  UltraCMOS짰 RF Digital Step Attenuator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43705 Datasheet(HTML) 9 Page - Peregrine Semiconductor

Back Button PE43705_14 Datasheet HTML 5Page - Peregrine Semiconductor PE43705_14 Datasheet HTML 6Page - Peregrine Semiconductor PE43705_14 Datasheet HTML 7Page - Peregrine Semiconductor PE43705_14 Datasheet HTML 8Page - Peregrine Semiconductor PE43705_14 Datasheet HTML 9Page - Peregrine Semiconductor PE43705_14 Datasheet HTML 10Page - Peregrine Semiconductor PE43705_14 Datasheet HTML 11Page - Peregrine Semiconductor PE43705_14 Datasheet HTML 12Page - Peregrine Semiconductor PE43705_14 Datasheet HTML 13Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
PE43705
Product Specification
©2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-47804-2 |
www.psemi.com
Page 9 of 18
VDD = 3.4V or 5.0V, -40°C < TA < 105°C, unless otherwise specified
VDD = 3.4V or 5.0V, -40°C < TA < 105°C, unless otherwise specified
Figure 4. Serial Timing Diagram
Figure 5. Latched Parallel/Direct Parallel
Timing Diagram
Parameter
Symbol
Min
Max
Unit
Serial clock frequency
FCLK
10
MHz
Serial clock HIGH time
TCLKH
30
ns
Serial clock LOW time
TCLKL
30
ns
Last serial clock rising edge setup
time to Latch Enable rising edge
TLESU
10
ns
Latch enable min. pulse width
TLEPW
30
ns
Serial data setup time
TSISU
10
ns
Serial data hold time
TSIH
10
ns
Parallel data setup time
TDISU
100
ns
Parallel data hold time
TDIH
100
ns
Address setup time
TASU
100
ns
Address hold time
TAH
100
ns
Parallel/serial setup time
TPSSU
100
ns
Parallel/serial hold time
TPSH
100
ns
Digital register delay (internal)
TPD
10
ns
Parameter
Symbol
Min
Max
Unit
Latch enable minimum pulse
width
TLEPW
30
ns
Parallel data setup time
TDISU
100
ns
Parallel data hold time
TDIH
100
ns
Parallel/serial setup time
TPSSU
100
ns
Parallel/serial hold time
TPSIH
100
ns
Digital register delay (internal)
TPD
10
ns
Digital register delay (internal,
direct mode only)
TDIPD
5
ns
VALID
T
DISU
T
DIH
DI[6:0]
LE
P/S
T
PSSU
T
PSH
T
LEPW
VALID
DO[6:0]
T
DIPD
T
PD
Table 13. Parallel and Direct Interface
AC Characteristics
Table 12. Serial Interface AC Characteristics
D[7] must be set to logic low
Bits can either be set to logic high or logic low
D[0]
D[1]
D[2]
D[3]
D[4]
D[5]
D[7]
T
SISU
T
CLKL
T
LEPW
T
SIH
T
CLKH
SI
CLK
LE
P/S
T
LESU
T
PSSU
T
PSIH
VALID
T
DISU
T
PD
T
DIH
D[6]
DI[6:0]
DO[6:0]
Table 11. Latch and Clock Specifications
Latch Enable
Function
0
Shift register clocked
Contents of shift register
transferred to attenuator core
Shift Clock
X


Similar Part No. - PE43705_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43705 PSEMI-PE43705_15 Datasheet
711Kb / 18P
   UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz - 8 GHz
More results

Similar Description - PE43705_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704_14 Datasheet
1Mb / 20P
   UltraCMOS짰 RF Digital Step Attenuator
PE43205 PSEMI-PE43205 Datasheet
484Kb / 11P
   UltraCMOS짰 RF Digital Attenuator
PE4314 PSEMI-PE4314_V01 Datasheet
727Kb / 27P
   UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
PE4312MLBA-Z PSEMI-PE4312MLBA-Z Datasheet
730Kb / 13P
   UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
PE43704 PSEMI-PE43704 Datasheet
1Mb / 20P
   RF Digital Step Attenuator, 7-bit
PE43205MLAA-Z PSEMI-PE43205MLAA-Z Datasheet
423Kb / 11P
   UltraCMOS짰 RF Digital Attenuator 2-bit, 18 dB, 35??000 MHz
logo
Mini-Circuits
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
   Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
   Digital Step Attenuator
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
   Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
   Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com