Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE45450 Datasheet(PDF) 7 Page - Peregrine Semiconductor

Part # PE45450
Description  UltraCMOS짰 Power Limiter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE45450 Datasheet(HTML) 7 Page - Peregrine Semiconductor

Back Button PE45450 Datasheet HTML 3Page - Peregrine Semiconductor PE45450 Datasheet HTML 4Page - Peregrine Semiconductor PE45450 Datasheet HTML 5Page - Peregrine Semiconductor PE45450 Datasheet HTML 6Page - Peregrine Semiconductor PE45450 Datasheet HTML 7Page - Peregrine Semiconductor PE45450 Datasheet HTML 8Page - Peregrine Semiconductor PE45450 Datasheet HTML 9Page - Peregrine Semiconductor PE45450 Datasheet HTML 10Page - Peregrine Semiconductor PE45450 Datasheet HTML 11Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Preliminary Specification
PE45450
Page 7 of 12
Document No. DOC-44314-4 │ www.psemi.com
©2013-2014 Peregrine Semiconductor Corp. All rights reserved.
Figure 7. POUT vs. PIN Over VCTRL
Figure 8. POUT vs. PIN Over Frequency @
VCTRL = –0.7V
Figure 9. POUT vs. PIN Over Frequency @
VCTRL = –1.5V
Typical Performance Data @ +25°C, 915 MHz (ZS = ZL = 50Ω), unless otherwise noted
0
5
10
15
20
25
30
35
40
10
15
20
25
30
35
40
Pin (dBm)
–2.5V
–1.5V
–0.7V
–0.5V
0V
2.5V
0
5
10
15
20
25
30
35
40
10
15
20
25
30
35
40
Pin (dBm)
–0.7V @ 915 MHz
–0.7V @ 3 GHz
–0.7V @ 6 GHz
0
5
10
15
20
25
30
35
40
10
15
20
25
30
35
40
Pin (dBm)
–1.5V @ 915 MHz
–1.5V @ 3 GHz
–1.5V @ 6 GHz
Figure 10. Leakage Power @ PMAX vs. VCTRL
Over Temperature
‐10
‐5
0
5
10
15
20
25
30
35
40
‐2.5
‐2
‐1.5
‐1
‐0.5
0
0.5
1
1.5
2
2.5
VCTRL (V)
Leakage Power (–55°C) @ Pmax 
Leakage Power (25°C) @ Pmax
Leakage Power (85°C) @ Pmax


Similar Part No. - PE45450

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE45450 PASTERNACK-PE45450 Datasheet
537Kb / 6P
   2.92mm Female Connector
PE45450 PASTERNACK-PE45450_V01 Datasheet
537Kb / 6P
   2.92mm Female Connector
More results

Similar Description - PE45450

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE45140 PSEMI-PE45140 Datasheet
816Kb / 12P
   UltraCMOS짰 Power Limiter 20 MHz?? GHz
PE42421 PSEMI-PE42421_14 Datasheet
921Kb / 9P
   SPDT UltraCMOS짰
logo
Micronetics, Inc.
PS-EL0400 MICRONETICS-PS-EL0400 Datasheet
59Kb / 2P
   Broadband Power Limiter
logo
Peregrine Semiconductor
PE42430 PSEMI-PE42430_14 Datasheet
1,019Kb / 11P
   UltraCMOS짰 SP3T Reflective
logo
Marki Microwave
HLM-40U MARKIMICROWAVE-HLM-40U Datasheet
715Kb / 10P
   High Power 40GHz Limiter
logo
Peregrine Semiconductor
PE42441 PSEMI-PE42441 Datasheet
510Kb / 12P
   UltraCMOS짰 SP4T RF Switch
PE42720 PSEMI-PE42720_14 Datasheet
983Kb / 11P
   UltraCMOS짰 SPDT RF Switch
logo
M/A-COM Technology Solu...
MLP71XX MA-COM-MLP71XX Datasheet
699Kb / 6P
   Low Power Limiter Diodes
logo
Peregrine Semiconductor
PE43205 PSEMI-PE43205 Datasheet
484Kb / 11P
   UltraCMOS짰 RF Digital Attenuator
logo
Mini-Circuits
RLM-521-2WL MINI-RLM-521-2WL Datasheet
335Kb / 2P
   Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com