Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE83336 Datasheet(PDF) 4 Page - Peregrine Semiconductor

Part # PE83336
Description  3000 MHz UltraCMOS짰 Integer-N PLL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE83336 Datasheet(HTML) 4 Page - Peregrine Semiconductor

  PE83336_14 Datasheet HTML 1Page - Peregrine Semiconductor PE83336_14 Datasheet HTML 2Page - Peregrine Semiconductor PE83336_14 Datasheet HTML 3Page - Peregrine Semiconductor PE83336_14 Datasheet HTML 4Page - Peregrine Semiconductor PE83336_14 Datasheet HTML 5Page - Peregrine Semiconductor PE83336_14 Datasheet HTML 6Page - Peregrine Semiconductor PE83336_14 Datasheet HTML 7Page - Peregrine Semiconductor PE83336_14 Datasheet HTML 8Page - Peregrine Semiconductor PE83336_14 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Product Specification
PE83336
Page 4 of 12
©2010-2012 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0137-05 │ UltraCMOS® RFIC Solutions
Table 1. Pin Descriptions (continued)
Note 1: All VDD pins are connected by diodes and must be supplied with the same positive voltage level.
VDD-fp and VDD-fp are used to power the fp and fc outputs and can alternatively be left floating or connected to GND to disable the fp and
fc outputs.
Note 2: All digital input pins have 70 k
Ω pull-down resistors to ground.
30
fp
ALL
Output
Monitor pin for main divider output. Switching activity can be disabled through enhancement
register programming or by floating or grounding VDD pin 31.
31
VDD-fp
ALL
(Note 1)
VDD for fp. Can be left floating or connected to GND to disable the fp output.
32
Dout
Serial,
Parallel
Output
Data Out. The MSEL signal and the raw prescaler output are available on Dout through
enhancement register programming.
33
VDD
ALL
(Note 1)
Same as pin 1.
34
Cext
ALL
Output
Logical “NAND” of PD_
U and PD_D terminated through an on chip, 2 kΩ series resistor.
Connecting Cext to an external capacitor will low pass filter the input to the inverting amplifier
used for driving LD.
35
VDD
ALL
(Note 1)
Same as pin 1.
36
PD_
D
ALL
Output
PD_
D is pulse down when fp leads fc.
37
PD_
U
ALL
PD_
U is pulse down when fc leads fp.
38
VDD-fc
ALL
(Note 1)
VDD for fc can be left floating or connected to GND to disable the fc output.
39
fc
ALL
Output
Monitor pin for reference divider output. Switching activity can be disabled through
enhancement register programming or by floating or grounding VDD pin 38.
40
GND
ALL
Ground.
41
GND
ALL
Ground.
42
fr
ALL
Input
Reference frequency input.
43
LD
ALL
Output
Lock detect and open drain logical inversion of CEXT. When the loop is in lock, LD is high
impedance, otherwise LD is a logic low (“0”).
44
Enh
Serial,
Parallel
Input
Enhancement mode. When asserted low (“0”), enhancement register bits are functional.
N/A
NC
ALL
No connection.
Pin No.
(44-lead
CQFJ)
Pin
Name
Interface
Mode
Type
Description
Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE83336_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE83336EK PEREGRINE-PE83336EK Datasheet
277Kb / 14P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
More results

Similar Description - PE83336_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241_14 Datasheet
986Kb / 19P
   UltraCMOS짰 Integer-N PLL Frequency Synthesizer
logo
Peregrine Semiconductor...
PE9702 PEREGRINE-PE9702_06 Datasheet
260Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
PE3335 PEREGRINE-PE3335 Datasheet
235Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE9704 PEREGRINE-PE9704_06 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9701 PSEMI-PE9701 Datasheet
287Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE3336 PEREGRINE-PE3336 Datasheet
233Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE9704 PSEMI-PE9704 Datasheet
248Kb / 10P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
   SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com