Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3M-VG16 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3M-VG16
Description  Great for Irregularities and Lamination
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3M-VG16 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3M-VG16 Datasheet HTML 1Page - Omron Electronics LLC E3M-VG16 Datasheet HTML 2Page - Omron Electronics LLC E3M-VG16 Datasheet HTML 3Page - Omron Electronics LLC E3M-VG16 Datasheet HTML 4Page - Omron Electronics LLC E3M-VG16 Datasheet HTML 5Page - Omron Electronics LLC E3M-VG16 Datasheet HTML 6Page - Omron Electronics LLC E3M-VG16 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
E3M-V
Ratings and Specifications
*1. A single cable is shared for remote control input and answer-back output.
*2. 0.75-mm double amplitude or 100 m/s2 when using a Mounting Bracket.
*3. 300 m/s2 when using a Mounting Bracket.
*4. The spot size is measured with the light emitter facing forward and the Sensor body standing vertically.
Item
Model
E3M-VG11
E3M-VG21
E3M-VG16
E3M-VG26
Sensing distance
10
± 3 mm
Spot size
(horizontal
× vertical) *4
1
× 4 mm
4
× 1 mm
1
× 4 mm
4
× 1 mm
Light source
(wavelength)
Green LED (525 nm)
Power supply voltage
10 to 30 VDC including 10% (p.p) ripple
Current consumption
100 mA max.
Control output
Load power supply voltage: 30 VDC max., Load current:
100 mA max. (Residual voltage: 1.2 V max.), NPN open
collector output
Load power supply voltage: 30 VDC max., Load current:
100 mA max. (Residual voltage: 2 V max.), PNP open col-
lector output
Remote control input *1
ON: Short-circuit to 0 V or 1.5 V max. (Outflow current 1 mA max.)
OFF: Open or Vcc-1.5 V to Vcc (Leakage current 0.1 mA max.)
ON: Vcc-1.5 V to Vcc (Inlet current 3 mA max.)
OFF: Open or 1.5 V max. (Leakage current 0.1 mA max.)
Remote control output *1
Load power supply voltage: 30 VDC max., Load current: 100 mA max.
(Residual voltage: 1.2 V max.), NPN open collector output
Load power supply voltage: 30 VDC max., Load current: 100 mA max.
(Residual voltage: 2 V max.), PNP open collector output
Bank selection
2-bank selection (Performed by remote control only. Refer to the remote control function for details.)
Protective circuits
Power supply reverse polarity protection, Load short-circuit protection
Response time
ON: 50
μs max., OFF: 70 μs max.
Sensitivity adjustment
Teaching system
Ambient illumination
(Receiver side)
Incandescent lamp: 3,000 lx max., Sunlight 10,000 lx max.
Ambient temperature
range
Operating:
−20 to 55°C, Storage: −30 to 70°C (with no icing)
Ambient humidity
range
Operating: 35% to 85%, Storage: 35% to 95% (with no condensation)
Insulation resistance
20 M
Ωmin. at 500 VDC
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min
Vibration resistance *2 Destruction: 10 to 55 Hz, 1-mm double amplitude or 150 m/s2 for 2 hours each in X, Y and Z directions
Shock resistance *3
Destruction: 500 m/s2 3 times each in X, Y and Z directions
Degree of protection
IEC 60529 IP67 (with Protective Cover attached)
Connection method
M12 Connector
Weight (packed state)
Approx. 100 g
Material
Case
PBT (polybutylene terephthalate)
Lens
Mechacrylic resin
Accessories
Instruction manual


Similar Part No. - E3M-VG16

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3M-VG16 OMRON-E3M-VG16 Datasheet
1Mb / 12P
   Mark Sensor
More results

Similar Description - E3M-VG16

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3MVG26 OMRON-E3MVG26 Datasheet
630Kb / 7P
   Great for Irregularities and Lamination, an Easy-to-use Mark Sensor
logo
Kemet Corporation
BFL484A KEMET-BFL484A Datasheet
138Kb / 1P
   Bicell Forming and Lamination Machine
ELN482A KEMET-ELN482A Datasheet
137Kb / 1P
   Electrode Lamination and Notching machine
BLE682A KEMET-BLE682A Datasheet
140Kb / 1P
   Battery Lamination Machine for Electrodes, Cells, and Bicells
logo
List of Unclassifed Man...
R9-NBC-LPAR-GP ETC2-R9-NBC-LPAR-GP Datasheet
1Mb / 3P
   Soft mat for great lap comfort
logo
Cornell Dubilier Electr...
DPPM10D1K-F CDE-DPPM10D1K-F Datasheet
303Kb / 2P
   Polypropylene Film Capacitors Great for Compact Snubber Applications
DPM CDE-DPM Datasheet
264Kb / 3P
   Great for High Frequency Switching Power Supplies
logo
Lumileds Lighting Compa...
WP24 LUMILEDS-WP24 Datasheet
773Kb / 6P
   Delivering brilliant white and great color rendering performance for retail merchandise
logo
XFMRS Inc.
XF1000TN-E19CS XFMRS-XF1000TN-E19CS Datasheet
95Kb / 2P
   CURRENT SENSE NICKEL LAMINATION
logo
Cornell Dubilier Electr...
DPPM CDE-DPPM Datasheet
215Kb / 3P
   Foil/Metallized Hybrid, Radial Leaded Great for Compact Snubber Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com