Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJZEC1C680 Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # ECJZEC1C680
Description  Multilayer Ceramic Capacitors(For General Usage)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJZEC1C680 Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button ECJZEC1C680 Datasheet HTML 4Page - Panasonic Semiconductor ECJZEC1C680 Datasheet HTML 5Page - Panasonic Semiconductor ECJZEC1C680 Datasheet HTML 6Page - Panasonic Semiconductor ECJZEC1C680 Datasheet HTML 7Page - Panasonic Semiconductor ECJZEC1C680 Datasheet HTML 8Page - Panasonic Semiconductor ECJZEC1C680 Datasheet HTML 9Page - Panasonic Semiconductor ECJZEC1C680 Datasheet HTML 10Page - Panasonic Semiconductor ECJZEC1C680 Datasheet HTML 11Page - Panasonic Semiconductor ECJZEC1C680 Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
– EC18 –
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(For General Usage)
Rated voltage
DC 50 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
CH CG
27
±5 %(J)
or
±10 %(K)
ECJ2VC1H270
0.6
33
ECJ2VC1H330
0.6
39
ECJ2VC1H390
0.6
47
ECJ2VC1H470
0.6
56
ECJ2VC1H560
0.6
68
ECJ2VC1H680
0.6
82
ECJ2VC1H820
0.6
100
ECJ2VC1H101
0.6
120
ECJ2VC1H121
0.6
150
ECJ2VC1H151
0.6
180
ECJ2VC1H181
0.6
220
ECJ2VC1H221
0.6
270
ECJ2VC1H271
0.6
330
ECJ2VC1H331
0.6
390
ECJ2VC1H391
0.6
470
ECJ2VC1H471
0.6
560
ECJ2VC1H561
0.6
680
ECJ2VC1H681
0.6
820
ECJ2VC1H821
0.6
1000
ECJ2VC1H102
0.6
1200
ECJ2VC1H122
0.6
1500
ECJ2VC1H152
0.6
1800
ECJ2VC1H182
0.6
2200
ECJ2VC1H222
0.6
2700
ECJ2VC1H272
0.85
: Capacitance tolerance code.
Dimensional tolerance of L, W, T: ± 0.1 mm
Standard packaging quantity of Packaging Style Code “V” (T = 0.6 mm): 5,000 pcs./reel, “V” (T = 0.85 mm): 4,000 pcs./reel
Recommend soldering method: Reflow soldering.
Standard Products for EIA “0805”, Taped Version
● Class 1
◆ Temperature Characteristic Code : C (Temp. Char. : C∆)
◆ Temperature Characteristic Code : G (Temp. Char. : SL)
Rated voltage
DC 50 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
SL
27
±5 %(J)
or
±10 %(K)
ECJ2VG1H270
0.6
33
ECJ2VG1H330
0.6
39
ECJ2VG1H390
0.6
47
ECJ2VG1H470
0.6
56
ECJ2VG1H560
0.6
68
ECJ2VG1H680
0.6
82
ECJ2VG1H820
0.6
100
ECJ2VG1H101
0.6
120
ECJ2VG1H121
0.6
150
ECJ2VG1H151
0.6
180
ECJ2VG1H181
0.6
220
ECJ2VG1H221
0.6
270
ECJ2VG1H271
0.6
330
ECJ2VG1H331
0.6
390
ECJ2VG1H391
0.6
470
ECJ2VG1H471
0.6
560
ECJ2VG1H561
0.6
680
ECJ2VG1H681
0.6
820
ECJ2VG1H821
0.6
1000
ECJ2VG1H102
0.6
1200
ECJ2VG1H122
0.6
1500
ECJ2VG1H152
0.6
1800
ECJ2VG1H182
0.6
2200
ECJ2VG1H222
0.6
2700
ECJ2VG1H272
0.6
Apr. 2008
00


Similar Part No. - ECJZEC1C680

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJZEC1C680 PANASONIC-ECJZEC1C680 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJZEC1C680 PANASONIC-ECJZEC1C680 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJZEC1C680 PANASONIC-ECJZEC1C680 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJZEC1C680 PANASONIC-ECJZEC1C680 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJZEC1C680 PANASONIC-ECJZEC1C680 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
More results

Similar Description - ECJZEC1C680

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-2VB1H223K PANASONIC-ECJ-2VB1H223K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VC1H330J PANASONIC-ECJ-1VC1H330J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2VC1H120J PANASONIC-ECJ-2VC1H120J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1C473K PANASONIC-ECJ-1VB1C473K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VF1H104Z PANASONIC-ECJ-1VF1H104Z Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VF1H473Z PANASONIC-ECJ-1VF1H473Z Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-0EC1H220J PANASONIC-ECJ-0EC1H220J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2FB1C474K PANASONIC-ECJ-2FB1C474K Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1H333K PANASONIC-ECJ-1VB1H333K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1A334K PANASONIC-ECJ-1VB1A334K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com