Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-3150-300E Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-3150-300E
Description  HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3150-300E Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3150-300E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-300E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-300E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-300E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-300E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-300E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-300E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-300E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-300E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
Notes:
1.
Derate linearly above 70°C free-air temperature at a rate of 0.3 mA/°C.
2.
Maximum pulse width = 10 μs, maximum duty cycle = 0.2%. This value is intended to allow for component tolerances for designs with I
O
peak minimum = 0.5 A. See Applications section for additional details on limiting I
OH
peak.
3.
Derate linearly above 70°C free-air temperature at a rate of 4.8 mW/°C.
4.
Derate linearly above 70°C free-air temperature at a rate of 5.4 mW/°C. The maximum LED junction temperature should not exceed 125°C.
5.
Maximum pulse width = 50 μs, maximum duty cycle = 0.5%.
6.
In this test V
OH
is measured with a dc load current. When driving capacitive loads V
OH
will approach V
CC
as I
OH
approaches zero amps.
7.
Maximum pulse width = 1 ms, maximum duty cycle = 20%.
8.
In accordance with UL1577, each HCPL-3150 optocoupler is proof tested by applying an insulation test voltage ≥4500 Vrms (≥ 6000 Vrms for
the HCPL-315J) for 1 second. This test is performed before the 100% production test for partial discharge (method b) shown in the IEC/EN/
DIN EN 60747-5-2 Insulation Characteristics Table, if applicable.
9.
Device considered a two-terminal device: pins on input side shorted together and pins on output side shorted together.
10. The difference between t
PHL
and t
PLH
between any two parts or channels under the same test condition.
11. Pins 1 and 4 (HCPL-3150) and pins 3 and 4 (HCPL-315J) need to be connected to LED common.
12. Common mode transient immunity in the high state is the maximum tolerable |dV
CM
/dt| of the common mode pulse, V
CM
, to assure that the
output will remain in the high state (i.e., V
O
> 15.0 V).
13. Common mode transient immunity in a low state is the maximum tolerable |dV
CM
/dt| of the common mode pulse, V
CM
, to assure that the out-
put will remain in a low state (i.e., V
O
< 1.0 V).
14. This load condition approximates the gate load of a 1200 V/25 A IGBT.
15. Pulse Width Distortion (PWD) is defined as |t
PHL
-t
PLH
| for any given device.
16. Each channel.
17. Device considered a two terminal device: Channel one output side pins shorted together, and channel two output side pins shorted togeth-
er.
18. See the thermal model for the HCPL-315J in the application section of this data sheet.
Package Characteristics (each channel, unless otherwise specified)
Parameter
Symbol
Device
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Input-Output
V
ISO
HCPL-3150
3750
Vrms
RH < 50%,
8, 9
Momentary
t = 1 min.,
Withstand Voltage**
HCPL-315J
5000
T
A
= 25°C
Output-Output
V
O-O
HCPL-315J
1500
Vrms
RH < 50%
17
Momentary
t = 1 min.,
Withstand Voltage**
T
A
= 25°C
Resistance
R
I-O
1012
Ω
V
I-O
= 500 V
DC
9
(Input - Output)
CapacitanceC
I-O
HCPL-3150
0.6
pF
f = 1 MHz
(Input - Output)
HCPL-315J
1.3
LED-to-Case
T
LC
HCPL-3150
391
°C/W
Thermocouple
28
18
Thermal Resistance
LED-to-Detector
T
LD
HCPL-3150
439
°C/W
Thermal Resistance
Detector-to-Case
T
DC
HCPL-3150
119
°C/W
Thermal Resistance
*All typical values at T
A
= 25°C and V
CC
- V
EE
= 30 V, unless otherwise noted.
**The Input-Output/Output-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-out-
put/output-output continuous voltage rating. For the continuous voltage rating refer to your equipment level safety specification or Avago Ap-
plication Note 1074 entitled “Optocoupler Input-Output Endurance Voltage.”
located at center
underside of
package


Similar Part No. - HCPL-3150-300E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-500E AVAGO-HCPL-3150-500E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
More results

Similar Description - HCPL-3150-300E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-500E AVAGO-HCPL-3150-500E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-0500-500E AVAGO-HCPL-0500-500E Datasheet
691Kb / 17P
   HCPL-2502/0500/0501 Single Channel, High Speed Optocouplers
HCPL-M452 AVAGO-HCPL-M452 Datasheet
152Kb / 9P
   HCPL-M452/HCPL-M453 Small Outline, 5 Lead, High Speed Optocouplers
HCPL-2231 AVAGO-HCPL-2231 Datasheet
389Kb / 18P
   The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCNW139-000E AVAGO-HCNW139-000E Datasheet
167Kb / 14P
   6N139, 6N138, HCPL-0701, HCPL-0700, HCNW138, HCNW139 Low Input Current, High Gain Optocouplers
HCPL-0500-000E AVAGO-HCPL-0500-000E Datasheet
514Kb / 17P
   HCPL-2502/0452/0453/0500/0501/4502/4503 Single Channel, High Speed Optocouplers
HCPL-7510-360E AVAGO-HCPL-7510-360E Datasheet
586Kb / 17P
   HCPL-7510 Isolated Linear Sensing IC
HCPL-7860 AVAGO-HCPL-7860 Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
logo
Texas Instruments
TIL920 TI1-TIL920 Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com