Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMX-C130 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMX-C130
Description  Surface Mount ChipLEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMX-C130 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HSMX-C130 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMX-C130 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMX-C130 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMX-C130 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMX-C130 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMX-C130 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMX-C130 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMX-C130 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Figure 8. Recommended Soldering Land Pattern
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1mm (±0.004in.) unless otherwise specified.
Figure 9. Reeling Orientation
Figure 6. Recommended Leaded Reflow Soldering Profile
Figure 7. Recommended Pb Free Reflow Soldering Profile
0.8 (0.031)
0.8
(0.031)
0.7
(0.028)
0.8
(0.031)
CATHODE SIDE
PRINTED LABEL
USER FEED DIRECTION
217 °C
200 °C
60 - 120 SEC.
6 ° C/SEC. MAX.
3 °C/SEC. MAX.
3 °C/SEC. MAX.
150 °C
255 - 260 °C
60 SEC. MAX.
10 SEC. MAX.
TIME
230
°C MAX.
10 SEC. MAX.
4
°C/SEC.
MAX.
OVER 2 MIN.
TIME
4
°C/SEC. MAX.
140-160
°C
–3
°C/SEC. MAX.


Similar Part No. - HSMX-C130

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMX-C110 HP-HSMX-C110 Datasheet
229Kb / 8P
   SMT ChipLEDs
HSMX-C110 HP-HSMX-C110 Datasheet
310Kb / 13P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-C110 AVAGO-HSMX-C110 Datasheet
420Kb / 11P
   High Performance ChipLED
logo
Agilent(Hewlett-Packard...
HSMX-C110 HP-HSMX-C110 Datasheet
260Kb / 8P
   Surface Mount Chip LEDs
logo
Broadcom Corporation.
HSMX-C110 BOARDCOM-HSMX-C110 Datasheet
191Kb / 9P
   High Performance ChipLED
More results

Similar Description - HSMX-C130

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMA-C130 BOARDCOM-HSMA-C130 Datasheet
1Mb / 9P
   Surface Mount ChipLEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMB-C1XX AVAGO-HSMB-C1XX Datasheet
203Kb / 9P
   Surface Mount ChipLEDs
HSMF-C114 AVAGO-HSMF-C114 Datasheet
87Kb / 8P
   Surface Mount Tricolor ChipLEDs
HSMG-C680 AVAGO-HSMG-C680 Datasheet
369Kb / 8P
   Right Angle Surface Mount ChipLEDs
HSMF-C16X AVAGO-HSMF-C16X Datasheet
154Kb / 9P
   Miniature Bi-Color Surface Mount ChipLEDs
logo
Agilent(Hewlett-Packard...
HSMM-C150 HP-HSMM-C150 Datasheet
229Kb / 8P
   SMT ChipLEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMF-C115 AVAGO-HSMF-C115 Datasheet
227Kb / 8P
   HSMF-C113 and HSMF-C115 Right Angle Tricolor Surface Mount ChipLEDs
HSMW-C120 AVAGO-HSMW-C120 Datasheet
237Kb / 12P
   White ChipLEDs
HSMF-C113 AVAGO-HSMF-C113 Datasheet
176Kb / 8P
   HSMF-C113 and HSMF-C115 Right Angle Tricolor Surface Mount ChipLEDs
logo
List of Unclassifed Man...
HSMW-C130 ETC2-HSMW-C130 Datasheet
261Kb / 12P
   AgilentHSMW-C191/130/265/197/120 White ChipLEDs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com